Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC403 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIC403
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIC403 Datasheet HTML 9Page - Vishay Siliconix SIC403 Datasheet HTML 10Page - Vishay Siliconix SIC403 Datasheet HTML 11Page - Vishay Siliconix SIC403 Datasheet HTML 12Page - Vishay Siliconix SIC403 Datasheet HTML 13Page - Vishay Siliconix SIC403 Datasheet HTML 14Page - Vishay Siliconix SIC403 Datasheet HTML 15Page - Vishay Siliconix SIC403 Datasheet HTML 16Page - Vishay Siliconix SIC403 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Vishay Siliconix
SiC403
Document Number: 66550
S11-1638-Rev. B, 15-Aug-11
www.vishay.com
13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note that because the low-side MOSFET with low RDS(ON) is
used
for
current
sensing,
the
PCB
layout,
solder
connections, and PCB connection to the LX node must be
done carefully to obtain good results. Refer to the layout
guidelines for information.
Soft-Start of PWM Regulator
SiC403 has a programmable soft-start time that is controlled
by an external capacitor at the SS pin. After the controller
meets both UVLO and EN/PSV thresholds, the controller has
an internal current source of 2.75 µA flowing through the
SS pin to charge the capacitor. During the start up process,
50 % of the voltage at the SS pin is used as the reference for
the FB comparator. The PWM comparator issues an on-time
pulse when the voltage at the FB pin is less than 50 % of the
SS pin. As result, the output voltage follows the SS start
voltage.
The
output
voltage
reaches
and
maintains
regulation when the soft start voltage is > 1.5 V. The time
between the first LX pulse and when VOUT meets regulation
is the soft start time (tSS). The calculation for the soft-start
time is shown by the following equation:
Power Good Output
The power good (PGOOD) output is an open-drain output
which requires a pull-up resistor. When the output voltage is
10 % below the nominal voltage, PGOOD is pulled low. It is
held low until the output voltage returns above - 8 % of nom-
inal. PGOOD is held low during start-up and will not be allowed
to transition high until soft-start is completed (when VFB
reaches 750 mV) and typically 2 ms has passed.
PGOOD will transition low if the VFB pin exceeds + 20 % of
nominal, which is also the over-voltage shutdown threshold
(900 mV). PGOOD also pulls low if the EN/PSV pin is low
when VDD is present.
Output Over-Voltage Protection
Over-voltage protection becomes active as soon as the
device is enabled. The threshold is set at 750 mV + 20 %
(900 mV). When VFB exceeds the OVP threshold, DL latches
high and the low-side MOSFET is turned on. DL remains
high and the controller remains off , until the EN/PSV input is
toggled or VDD is cycled. There is a 5 µs delay built into the
OVP detector to prevent false transitions. PGOOD is also low
after an OVP event.
Output Under-Voltage Protection
When VFB falls 25 % below its nominal voltage (falls to
562.5 mV) for eight consecutive clock cycles, the switcher is
shut off and the DH and DL drives are pulled low to tristate
the MOSFETs. The controller stays off until EN/PSV is
toggled or VDD is cycled.
VDD UVLO, and POR
Under-voltage lock-out (UVLO) circuitry inhibits switching
and tri-states the DH/DL drivers until VDD rises above 3.9 V.
An internal Power-On Reset (POR) occurs when VDD
exceeds 3.9 V, which resets the fault latch and soft-start
counter to prepare for soft-start. The SiC403 then begins a
soft-start cycle. The PWM will shut off if VDD falls below
3.6 V.
LDO Regulator
The device features an integrated LDO regulator with a fixed
output voltage of 5 V. There is also an enable pin (ENL) for
the LDO that provides independent control. The LDO voltage
can also be used to provide the bias voltage for the switching
regulator.
A minimum capacitance of 1 µF referenced to AGND is
normally required at the output of the LDO for stability. If the
LDO is providing bias power to the device, then a minimum
0.1 µF capacitor referenced to AGND is required, along with
a minimum 1 µF capacitor referenced to PGND to filter the
gate drive pulses. Refer to the layout guidelines section.
LDO Start-up
Before start-up, the LDO checks the status of the following
signals to ensure proper operation can be maintained.
1. ENL pin
2. VLDO output
3. VIN input voltage
When the ENL pin is high and VIN is above the UVLO point,
the LDO will begin start-up. During the initial phase, when the
LDO output voltage is near zero, the LDO initiates a
current-limited start-up (typically 85 mA) to charge the output
capacitor. When VLDO has reached 90 % of the final value
(as sensed at the FBL pin), the LDO current limit is increased
to ~ 200 mA and the LDO output is quickly driven to the
nominal value by the internal LDO regulator.
LDO Switchover Function
The SiC403 includes a switch-over function for the LDO. The
switch-over function is designed to increase efficiency by
using the more efficient DC/DC converter to power the LDO
output, avoiding the less efficient LDO regulator when
possible. The switch-over function connects the VLDO pin
directly to the VOUT pin using an internal switch. When the
switch-over is complete the LDO is turned off, which results
in a power savings and maximizes efficiency. If the LDO
output is used to bias the SiC403, then after switch-over the
device is self-powered from the switching regulator with the
LDO turned off.
The switch-over logic waits for 32 switching cycles before it
starts the switch-over. There are two methods that determine
the switch-over of VLDO to VOUT.
t
SS = CSS x
1.5 V
2.75 μA
Figure 9 - LDO Start-Up
Constant current startup
VVLDO final
90 % of VVLDO final
Voltage regulating with
~ 200 mA current limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com