Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DL Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM330DL
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DL Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM330DL Datasheet HTML 8Page - STMicroelectronics LSM330DL Datasheet HTML 9Page - STMicroelectronics LSM330DL Datasheet HTML 10Page - STMicroelectronics LSM330DL Datasheet HTML 11Page - STMicroelectronics LSM330DL Datasheet HTML 12Page - STMicroelectronics LSM330DL Datasheet HTML 13Page - STMicroelectronics LSM330DL Datasheet HTML 14Page - STMicroelectronics LSM330DL Datasheet HTML 15Page - STMicroelectronics LSM330DL Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
Module specifications
LSM330DL
12/54
Doc ID 022018 Rev 1
2
Module specifications
2.1
Mechanical characteristics
The values given in the following table are for the conditions Vdd = 3 V, T = 25 °C unless
otherwise noted.(a)
a.
The product is factory calibrated at 3 V. The operational power supply range is from 2.4 V to 3.6 V.
Table 3.
Mechanical characteristics
Symbol
Parameter
Test conditions
Min. Typ.(1) Max.
Unit
LA_FS
Linear acceleration
measurement range(2)
FS bit set to 00
±2
g
FS bit set to 01
±4
FS bit set to 10
±8
FS bit set to 11
±16
G_FS
Angular rate measurement range(2)
FS bit set to 00
±250
dps
FS bit set to 01
±500
FS bit set to 10
±2000
LA_So
Linear acceleration sensitivity
FS bit set to 00
1
m
g/digit
FS bit set to 01
2
FS bit set to 10
4
FS bit set to 11
12
G_So
Angular rate sensitivity
FS bit set to 00
8.75
mdps/
digit
FS bit set to 01
17.5
FS bit set to 10
70
LA_So
Linear acceleration
Sensitivity change vs. temperature
FS bit set to 00
±0.05
%/°C
G_So
Angular rate sensitivity change vs. temp. from -40 to +85°C
±2
%
LA_TyOff
Typical zero-
g level offset accuracy(3)
FS bit set to 00
±60
m
g
G_TyOff
Typical zero-rate level(4)
FS bit set to 00
10
LSb
LA_TCOff Zero-
g level change vs. temperature
Max delta from 25 °C
±0.5
m
g/°C
G_TCOff
Zero-rate level change vs. temperature
FS bit set to 00
from -40 to +85°C
±0.03
dps/°C
An
Acceleration noise density
FS bit set to 00, normal
mode, ODR bit set to 1001
220
µ
g/
Rn
Rate noise density
FS bit set to 00, BW = 50 Hz
0.03
dps/
Top
Operating temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Verified by wafer level test and measurement of initial offset and sensitivity.
3.
Typical zero-
g level offset value after MSL3 preconditioning.
4.
Offset can be eliminated by enabling the built-in high-pass filter.
Hz
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com