Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DL Datasheet(PDF) 39 Page - STMicroelectronics

Part # LSM330DL
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DL Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LSM330DL Datasheet HTML 35Page - STMicroelectronics LSM330DL Datasheet HTML 36Page - STMicroelectronics LSM330DL Datasheet HTML 37Page - STMicroelectronics LSM330DL Datasheet HTML 38Page - STMicroelectronics LSM330DL Datasheet HTML 39Page - STMicroelectronics LSM330DL Datasheet HTML 40Page - STMicroelectronics LSM330DL Datasheet HTML 41Page - STMicroelectronics LSM330DL Datasheet HTML 42Page - STMicroelectronics LSM330DL Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
LSM330DL
Registers description
Doc ID 022018 Rev 1
39/54
7.24
CTRL_REG1_G (20h)
DR<1:0> is used to set the ODR selection. BW <1:0> is used to set bandwidth selection.
The following table gives the frequencies for all combinations of the DR / BW bits.
Table 63.
CTRL_REG1_G register
DR1
DR0
BW1
BW0
PD
Zen
Yen
Xen
Table 64.
CTRL_REG1_G description
DR1-DR0
Output data rate selection. Refer to
Table 65: DR and BW configuration setting
BW1-BW0
Bandwidth selection. Refer to
Table 65: DR and BW configuration setting
PD
Power-down mode enable. Default value: 0
(0: power-down mode, 1: normal mode or sleep mode)
Zen
Z-axis enable. Default value: 1
(0: Z-axis disabled; 1: Z-axis enabled)
Yen
Y-axis enable. Default value: 1
(0: Y-axis disabled; 1: Y-axis enabled)
Xen
X-axis enable. Default value: 1
(0: X-axis disabled; 1: X-axis enabled)
Table 65.
DR and BW configuration setting
DR <1:0>
BW <1:0>
ODR [Hz]
cutoff [Hz]
00
00
100
12.5
00
01
100
25
00
10
100
25
00
11
100
25
01
00
200
12.5
01
01
200
25
01
10
200
50
01
11
200
70
10
00
400
20
10
01
400
25
10
10
400
50
10
11
400
110
11
00
800
30
11
01
800
35
11
10
800
50
11
11
800
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com