Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DL Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM330DL
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DL Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM330DL Datasheet HTML 9Page - STMicroelectronics LSM330DL Datasheet HTML 10Page - STMicroelectronics LSM330DL Datasheet HTML 11Page - STMicroelectronics LSM330DL Datasheet HTML 12Page - STMicroelectronics LSM330DL Datasheet HTML 13Page - STMicroelectronics LSM330DL Datasheet HTML 14Page - STMicroelectronics LSM330DL Datasheet HTML 15Page - STMicroelectronics LSM330DL Datasheet HTML 16Page - STMicroelectronics LSM330DL Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
LSM330DL
Module specifications
Doc ID 022018 Rev 1
13/54
2.2
Electrical characteristics
The values given in the following table are for the conditions Vdd = 3 V, T = 25 °C unless
otherwise noted.
2.3
Temperature sensor characteristics
The values given in the following table are for the conditions Vdd = 3.0 V, T=25 °C, unless
otherwise noted.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
2.4
3.6
V
Vdd_IO
Power supply for I/O
1.71
Vdd+0.1
V
LA_Idd
LA current consumption in
normal mode
ODR = 50 Hz
11
µA
ODR = 1 Hz
2
LA_IddLowP
LA current consumption in
low-power mode
ODR = 50 Hz
6
µA
LA_IddPdn
LA current consumption in
power-down mode
T = 25 °C
0.5
µA
G_Idd
AR current consumption in
normal mode
6.1
mA
G_IddLowP
AR supply current in sleep mode(2)
1.5
mA
G_IddPdn
AR current consumption in
power-down mode
T = 25 °C
5
µA
VIH
Digital high-level input voltage
0.8*Vdd_IO
V
VIL
Digital low-level input voltage
0.2*Vdd_IO
V
VOH
High-level output voltage
0.9*Vdd_IO
V
VOL
Low-level output voltage
0.1*Vdd_IO
V
Top
Operating temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Sleep mode introduces a faster turn-on time compared to power-down mode.
Table 5.
Temperature sensor characteristics (1)
Symbol
Parameter
Test condition
Min.
Typ.(2)
Max.
Unit
TSDr
Temperature sensor output
change vs. temperature
-
-1
°C/digit
TODR
Temperature refresh rate
1
Hz
Top
Operating temperature range
-40
+85
°C
1.
The product is factory calibrated at 3.0 V.
2.
Typical specifications are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com