Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DL Datasheet(PDF) 33 Page - STMicroelectronics

Part # LSM330DL
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DL Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LSM330DL Datasheet HTML 29Page - STMicroelectronics LSM330DL Datasheet HTML 30Page - STMicroelectronics LSM330DL Datasheet HTML 31Page - STMicroelectronics LSM330DL Datasheet HTML 32Page - STMicroelectronics LSM330DL Datasheet HTML 33Page - STMicroelectronics LSM330DL Datasheet HTML 34Page - STMicroelectronics LSM330DL Datasheet HTML 35Page - STMicroelectronics LSM330DL Datasheet HTML 36Page - STMicroelectronics LSM330DL Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
LSM330DL
Registers description
Doc ID 022018 Rev 1
33/54
7.8
STATUS_REG_A (27h)
7.9
OUT_X_L_A (28h), OUT_X_H_A (29h)
This register contains X-axis acceleration data. Values are expressed in two’s complement.
7.10
OUT_Y_L_A (2Ah), OUT_Y_H_A (2Bh)
This register containsY-axis acceleration data. Values are expressed in two’s complement.
7.11
OUT_Z_L _A(2Ch), OUT_Z_H_A (2Dh)
This register contains Z-axis acceleration data. Values are expressed in two’s complement.
7.12
FIFO_CTRL_REG_A (2Eh)
Table 36.
STATUS_REG_A register
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
Table 37.
STATUS_REG_A register description
ZYXOR
X-, Y- and Z-axis data overwrite. Default value: 0
(0: no overwrite has occurred; 1: a new set of data has overwritten the previous ones)
ZOR
Z-axis data overwrite. Default value: 0
(0: no overrun has occurred; 1: a new data for the Z-axis has overwritten the previous
one)
YOR
Y-axis data overwrite. Default value: 0
(0: no overwrite has occurred;
1: new data for the Y-axis has overwritten the previous data)
XOR
X-axis data overwrite. Default value: 0
(0: no overwrite has occurred;
1: new data for the X-axis has overwritten the previous data)
ZYXDA
X-, Y- and Z-axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
ZDA
Z-axis new data available. Default value: 0
(0: new data for the Z-axis is not yet available;
1: new data for the Z-axis is available)
YDA
Y-axis new data available. Default value: 0
(0: new data for the Y-axis is not yet available;
1: new data for the Y-axis is available)
Table 38.
FIFO_CTRL_REG_A register
FM1
FM0
TR
FTH4
FTH3
FTH2
FTH1
FTH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com