Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DL Datasheet(PDF) 49 Page - STMicroelectronics

Part # LSM330DL
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DL Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LSM330DL Datasheet HTML 45Page - STMicroelectronics LSM330DL Datasheet HTML 46Page - STMicroelectronics LSM330DL Datasheet HTML 47Page - STMicroelectronics LSM330DL Datasheet HTML 48Page - STMicroelectronics LSM330DL Datasheet HTML 49Page - STMicroelectronics LSM330DL Datasheet HTML 50Page - STMicroelectronics LSM330DL Datasheet HTML 51Page - STMicroelectronics LSM330DL Datasheet HTML 52Page - STMicroelectronics LSM330DL Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
LSM330DL
Registers description
Doc ID 022018 Rev 1
49/54
7.45
INT1_DURATION_G (38h)
The D6 - D0 bits set the minimum duration of the interrupt event to be recognized. The
duration of the steps and maximum values depend on the ODR chosen.
The WAIT bit has the following meaning:
Wait =’0’: the interrupt falls immediately if the signal crosses the selected threshold
Wait =’1’: if the signal crosses the selected threshold, the interrupt falls only after the
duration has counted the number of samples at the selected data rate, written into the
duration counter register.
Figure 13.
Wait disabled
Table 106.
INT1_DURATION_G register
WAIT
D6
D5
D4
D3
D2
D1
D0
Table 107.
INT1_DURATION_G description
WAIT
WAIT enable. Default value: 0 (0: disable; 1: enable)
D6 - D0
Duration value. Default value: 000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com