Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DL Datasheet(PDF) 31 Page - STMicroelectronics

Part # LSM330DL
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DL Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LSM330DL Datasheet HTML 27Page - STMicroelectronics LSM330DL Datasheet HTML 28Page - STMicroelectronics LSM330DL Datasheet HTML 29Page - STMicroelectronics LSM330DL Datasheet HTML 30Page - STMicroelectronics LSM330DL Datasheet HTML 31Page - STMicroelectronics LSM330DL Datasheet HTML 32Page - STMicroelectronics LSM330DL Datasheet HTML 33Page - STMicroelectronics LSM330DL Datasheet HTML 34Page - STMicroelectronics LSM330DL Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
LSM330DL
Registers description
Doc ID 022018 Rev 1
31/54
7.3
CTRL_REG3_A (22h)
7.4
CTRL_REG4_A (23h)
Table 26.
CTRL_REG3_A register
I1_CLICK
I1_AOI1
0(1)
1.
This bit has to be set ‘0’ for correct operation.
I1_DRDY1
I1_DRDY2
I1_WTM
I1_OVERRUN
--
Table 27.
CTRL_REG3_A description
I1_CLICK
CLICK interrupt on INT1_A. Default value 0.
(0: Disable; 1: Enable)
I1_AOI1
AOI1 interrupt on INT1_A. Default value 0.
(0: Disable; 1: Enable)
I1_DRDY1
DRDY1 interrupt on INT1_A. Default value 0.
(0: Disable; 1: Enable)
I1_DRDY2
DRDY2 interrupt on INT1_A. Default value 0.
(0: Disable; 1: Enable)
I1_WTM
FIFO watermark interrupt on INT1_A. Default value 0.
(0: Disable; 1: Enable)
I1_OVERRUN
FIFO overrun interrupt on INT1_A. Default value 0.
(0: Disable; 1: Enable)
Table 28.
CTRL_REG4_A register
BDU
BLE
FS1
FS0
HR
0(1)
0(1)
SIM
Table 29.
CTRL_REG4_A description
BDU
Block data update. Default value: 0(0: continuous update; 1: output registers
not updated until MSB and LSB reading)
BLE
Big/little endian data selection. Default value 0.
(0: Data LSB at lower address; 1: Data MSB at lower address)
FS1-FS0
Full-scale selection. default value: 00
(00: +/- 2G; 01: +/- 4G; 10: +/- 8G; 11: +/- 16G)
HR
Normal mode: default value: 0
(0: normal mode disable; 1: normal mode enable
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com