Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DL Datasheet(PDF) 19 Page - STMicroelectronics

Part # LSM330DL
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DL Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LSM330DL Datasheet HTML 15Page - STMicroelectronics LSM330DL Datasheet HTML 16Page - STMicroelectronics LSM330DL Datasheet HTML 17Page - STMicroelectronics LSM330DL Datasheet HTML 18Page - STMicroelectronics LSM330DL Datasheet HTML 19Page - STMicroelectronics LSM330DL Datasheet HTML 20Page - STMicroelectronics LSM330DL Datasheet HTML 21Page - STMicroelectronics LSM330DL Datasheet HTML 22Page - STMicroelectronics LSM330DL Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
LSM330DL
Application hints
Doc ID 022018 Rev 1
19/54
4
Application hints
Figure 5.
LSM330DL electrical connections
4.1
External capacitors
The device core is supplied through the Vdd line. Power supply decoupling capacitors
(C4=100
nF ceramic, C3=10 µF Al) should be placed as near as possible to the supply pin
of the device (common design practice).
All the voltage and ground supplies must be present at the same time to have proper
behavior of the IC (refer to
Figure 5).
The functionality of the device and the measured acceleration/angular rate data is
selectable and accessible through the SPI/I2C interface.
Table 9.
Part list
Component
Typical value
C1
10 nF
C2
470 nF
C3
10 µF
C4
100 nF
C5
R2
10 kOhm
Digital signal from/to signal controller.Signals levels are defined by proper selection of Vdd
Y
1
X
Z
DIRECTION OF
DETECTABLE
ACCELERATIONS
DIRECTION OF
DETECTABLE
ANGULAR RATE
Vdd_IO
GND
Vdd
C3
C4
FILTVDD
FILTIN Y
(TOP VIEW)
24
1
LSM330DL
28
10
15
11
14
25
Vdd_IO_A
VCONT
Res
GND
Res
SCL_G
Vdd_IO_G
Res
Vdd_IO
C1
R2
C2
GND
C5
GND
Reserved pins have to be connected to GND
Z
1
+Ω
X
+Ω
z
+Ω
Y
Y
X
AM09287v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com