Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DL Datasheet(PDF) 29 Page - STMicroelectronics

Part # LSM330DL
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DL Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LSM330DL Datasheet HTML 25Page - STMicroelectronics LSM330DL Datasheet HTML 26Page - STMicroelectronics LSM330DL Datasheet HTML 27Page - STMicroelectronics LSM330DL Datasheet HTML 28Page - STMicroelectronics LSM330DL Datasheet HTML 29Page - STMicroelectronics LSM330DL Datasheet HTML 30Page - STMicroelectronics LSM330DL Datasheet HTML 31Page - STMicroelectronics LSM330DL Datasheet HTML 32Page - STMicroelectronics LSM330DL Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
LSM330DL
Registers description
Doc ID 022018 Rev 1
29/54
7
Registers description
The device contains a set of registers which are used to control its behavior and to retrieve
acceleration, angular rate and temperature data. The register addresses, composed of 7
bits, are used to identify them and to write the data through the serial interface.
7.1
CTRL_REG1_A (20h)
ODR<3:0> is used to set power mode and ODR selection. The following table gives the
frequency for all combinations of ODR<3:0>.
Table 19.
CTRL_REG1_A register
ODR3
ODR2
ODR1
ODR0
LPen
Zen
Yen
Xen
Table 20.
CTRL_REG1_A description
ODR3-0
Data rate selection. Default value: 0
(0000: power-down; Others: Refer to
Table 21: Data rate configuration
LPen
Low-power mode enable. Default value: 0
(0: normal mode, 1: low-power mode)
Zen
Z-axis enable. Default value: 1
(0: Z-axis disabled; 1: Z-axis enabled)
Yen
Y-axis enable. Default value: 1
(0: Y-axis disabled; 1: Y-axis enabled)
Xen
X-axis enable. Default value: 1
(0: X-axis disabled; 1: X-axis enabled)
Table 21.
Data rate configuration
ODR3
ODR2
ODR1
ODR0
Power mode selection
00
00Power-down mode
0
0
0
1
Normal / low-power mode (1 Hz)
0
0
1
0
Normal / low-power mode (10 Hz)
0
0
1
1
Normal / low-power mode (25 Hz)
0
1
0
0
Normal / low-power mode (50 Hz)
0
1
0
1
Normal / low-power mode (100 Hz)
0
1
1
0
Normal / low-power mode (200 Hz)
0
1
1
1
Normal / low-power mode (400 Hz)
10
00Low-power mode (1.620 kHz)
1
0
0
1
Normal (1.344 kHz) / low-power mode (5.376 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com