Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DL Datasheet(PDF) 40 Page - STMicroelectronics

Part # LSM330DL
Description  Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DL Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LSM330DL Datasheet HTML 36Page - STMicroelectronics LSM330DL Datasheet HTML 37Page - STMicroelectronics LSM330DL Datasheet HTML 38Page - STMicroelectronics LSM330DL Datasheet HTML 39Page - STMicroelectronics LSM330DL Datasheet HTML 40Page - STMicroelectronics LSM330DL Datasheet HTML 41Page - STMicroelectronics LSM330DL Datasheet HTML 42Page - STMicroelectronics LSM330DL Datasheet HTML 43Page - STMicroelectronics LSM330DL Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
Registers description
LSM330DL
40/54
Doc ID 022018 Rev 1
Combination of PD, Zen, Yen, Xen are used to set device in different modes (power-down /
normal / sleep mode) according to the following table.
7.25
CTRL_REG2_G (21h)
Table 66.
Power mode selection configuration
Mode
PD
Zen
Yen
Xen
Power-down
0
-
-
-
Sleep
1
0
0
0
Normal
1
-
-
-
Table 67.
CTRL_REG2_G register
0(1)
1.
This bit has to be set to ‘0’ for correct operation.
0(1)
HPM1
HPM1
HPCF3
HPCF2
HPCF1
HPCF0
Table 68.
CTRL_REG2_G description
HPM1-
HPM0
High-pass filter mode selection. Default value: 00
Refer to
Table 69: High-pass filter mode configuration
HPCF3-
HPCF0
High-pass filter cutoff frequency selection
Refer to
Table 70: High-pass filter cutoff frequency configuration [Hz]
Table 69.
High-pass filter mode configuration
HPM1
HPM0
High-pass filter mode
0
0
Normal mode (reset reading HP_RESET_FILTER)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Autoreset on interrupt event
Table 70.
High-pass filter cutoff frequency configuration [Hz]
HPCF3-0
ODR = 100 Hz
ODR = 200 Hz
ODR = 400 Hz
ODR = 800 Hz
0000
8
15
30
56
0001
4
8
15
30
0010
2
4
8
15
0011
1
2
4
8
0100
0.5
1
2
4
0101
0.2
0.5
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com