Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R34 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT95R34
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R34 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT95R34 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 11Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 12Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 13Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 14Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
HT95R34
Rev. 1.10
11
February 18, 2009
Look-up Table
Any location within the Program Memory can be defined
as a look-up table where programmers can store fixed
data. To use the look-up table, the table pointer must
first be setup by placing the lower order address of the
look up data to be retrieved in the table pointer register, .
This register defines the lower 8-bit address of the
look-up table.
After setting up the table pointer, the table data can be
retrieved from the current Program Memory page or last
Program Memory page using the
²TABRDC[m]² or
²TABRDL [m]² instructions, respectively. When these in-
structions are executed, the lower order table byte from
the Program Memory will be transferred to the user de-
fined Data Memory register [m] as specified in the in-
struction. The higher order table data byte from the
Program Memory will be transferred to the TBLH special
register. Any unused bits in this transferred higher order
byte will have uncertain values.
The following diagram illustrates the addressing/data
flow of the look-up table:
Table Program Example
The following example shows how the table pointer and
table data is defined and retrieved from the device. This
example uses raw table data located in the last page
which is stored there using the ORG statement. The
value at this ORG statement is
²1F00H² which refers to
the start address of the last page within the 8K Program
Memory of the microcontroller. The table pointer is setup
here to have an initial value of
²06H². This will ensure
that the first data read from the data table will be at the
Program Memory address
²1F06H² or 6 locations after
the start of the last page. Note that the value for the table
pointer is referenced to the first address of the present
page if the
²TABRDC [m]² instruction is being used. The
high byte of the table data which in this case is equal to
zero will be transferred to the TBLH register automati-
cally when the
²TABRDL [m]² instruction is executed.
Because the TBLH register is a read-only register and
cannot be restored, care should be taken to ensure its
protection if both the main routine and Interrupt Service
Routine use table read instructions. If using the table
read instructions, the Interrupt Service Routines may
change the value of the TBLH and subsequently cause
errors if used again by the main routine. As a rule it is
recommended that simultaneous use of the table read
instructions should be avoided. However, in situations
where simultaneous use cannot be avoided, the inter-
rupts should be disabled prior to the execution of any
main routine table-read instructions. Note that all table
related instructions require two instruction cycles to
complete their operation.
P r o g r a m
M e m o r y
P r o g r a m C o u n t e r
H i g h B y t e
T B L P
T B L H
S p e c i f i e d b y [ m ]
H i g h B y t e o f T a b l e C o n t e n t s
L o w B y t e o f T a b l e C o n t e n t s
Look-up Table
Instruction
Table Location Bits
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
TABRDC [m]
PC12 PC11 PC10
PC9
PC8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
11111
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
PC12~PC8: Current Program Counter bits
@7~@0: Table Pointer Lower-order bits (TBLP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com