Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R34 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT95R34
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R34 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT95R34 Datasheet HTML 12Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 13Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 14Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 15Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 16Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 18Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
HT95R34
Rev. 1.10
16
February 18, 2009
· Z is set if the result of an arithmetic or logical operation
is zero; otherwise Z is cleared.
· OV is set if an operation results in a carry into the high-
est-order bit but not a carry out of the highest-order bit,
or vice versa; otherwise OV is cleared.
· PDF is cleared by a system power-up or executing the
²CLR WDT² instruction. PDF is set by executing the
²HALT² instruction.
· TO is cleared by a system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is set by a
WDT time-out.
In addition, on entering an interrupt sequence or execut-
ing a subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status registers are important and if the subroutine
can corrupt the status register, precautions must be
taken to correctly save it.
Interrupt Control Register
- INTC0, INTC1
These two 8-bit register, known as the INTC0 and
INTC1 registers, control the operation of all interrupts.
By setting various bits within this register using standard
bit manipulation instructions, the enable/disable func-
tion of the external and timer interrupts can be inde-
pendently controlled. A master interrupt bit within this
register, the EMI bit, acts like a global enable/disable
and is used to set all of the interrupt enable bits on or off.
This bit is cleared when an interrupt routine is entered to
disable further interrupt and is set by executing the
²RETI² instruction.
Timer/Event Counter Registers
This device contains two 16-bit Timer/Event Counters,
which have associated register pairs known as TMR0L/
TMR0H and TMR1L/TMR1H. These are the locations
where the timers 16-bit value is located. Two associated
control registers, known as TMR0C and TMR1C, con-
tain the setup information for these two timers.
Input/Output Ports and Control Registers
Within the area of Special Function Registers, the I/O
registers and their associated control registers play a
prominent role. All I/O ports have a designated register
correspondingly labeled as PA, PC, PD and PE. These
labeled I/O registers are mapped to specific addresses
within the Data Memory as shown in the Data Memory
table, which are used to transfer the appropriate output
or input data on that port. With each I/O port there is an
associated control register labeled PAC, PCC, PDC and
PEC, also mapped to specific addresses with the Data
Memory. Except PC2 and PC3, the control register
specifies which pins of that port are set as inputs and
which are set as outputs. PC2 or PC3 is NMOS output,
so the corresponding bit of the control register is not im-
plemented. To setup a pin as an input, the correspond-
ing bit of the control register must be set high, for an
output it must be set low. During program initialization, it
is important to first setup the control registers to specify
which pins are outputs and which are inputs before
reading data from or writing data to the I/O ports. One
flexible feature of these registers is the ability to directly
program single bits using the
²SET [m].i² and ²CLR
[m].i
² instructions. The ability to change I/O pins from
output to input and vice versa by manipulating specific
bits of the I/O control registers during normal program
operation is a useful feature of these devices.
DTMF Registers
- DTMFC, DTMFD, DTRXC, DTRXD
The device contains fully integrated DTMF receiver and
generator circuitry for decoding and generation of
DTMF signals. The DTMF receiver requires two regis-
ters to control its operation, a DTRXC control register to
control its overall function and a DTRXD register to store
the DTMF decoded signal data. The DTMF generator
also requires two registers for its operation, a DTMFC
register for its overall control and DTMFD register to
store the digital codes that are to be generated as DMTF
signals.
Mode Register
- MODE
The device supports two system clock and four opera-
tion modes. The system clock could be 32768Hz or
3.58MHz and operation mode could be Normal, Green,
Sleep or Idle mode. These are all selected by the soft-
ware.
MFIC Register
- MFIC
PC0, PC5 and PC7 could be used to trigger an extra in-
terrupt. They are enabled or disabled individually by
bit0~bit2 of MFIC. When a multi-function interrupt oc-
curs, the programmer should check bit4~bit6 of MFIC to
determine the cause of the interrupt.
PFD Registers
- PFDC/PFDD
The device contains a Programmable Frequency Di-
vider function which can generate accurate frequencies
based on the system clock. The clock source, enable
function and output frequency is controlled using these
two registers.
RTCC Register
The device contains a Real Time Clock function other-
wise known as the RTC. To control this function a regis-
ter known as the RTCC register is provided which
provides the overall on/off control and time out flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com