Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R34 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT95R34
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R34 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT95R34 Datasheet HTML 18Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
HT95R34
Rev. 1.10
22
February 18, 2009
To ensure that the timer pin is configured to operate as
an event counter input pin the Timer Control Register
must place the Timer/Event Counter in the Event
Counting Mode. It should be noted that in the event
counting mode, even if the microcontroller is in the
Power Down Mode, the Timer/Event Counter will con-
tinue to record externally changing logic events on the
timer input pin. As a result when the timer overflows it
will generate a timer interrupt and corresponding
wake-up source.
Configuring the Pulse Width Measurement Mode
In this mode, the Timer/Event Counter can be utilised to
measure the width of external pulses applied to the ex-
ternal timer pin. To operate in this mode, the Operating
Mode Select bit pair in the Timer Control Register must
be set to the correct value as shown.
Control Register Operating Mode
Select Bits for the Pulse Width
Measurement Mode
Bit7 Bit6
11
In this mode the internal clock is used as the
Timer/Event Counter clock. After the other bits in the
Timer Control Register have been setup, the enable bit,
which is bit 4 of the Timer Control Register, can be set
high to enable the Timer/Event Counter, however it will
not actually start counting until an active edge is re-
ceived on the external timer pin.
If the Active Edge Select bit, which is bit 3 of the Timer
Control Register, is low, once a high to low transition has
been received on the external timer pin, the Timer/Event
Counter will start counting until the external timer pin re-
turns to its original high level. At this point the enable bit
will be automatically reset to zero and the Timer/Event
Counter will stop counting. If the Active Edge Select bit
is high, the Timer/Event Counter will begin counting
once a low to high transition has been received on the
external timer pin and stop counting when the external
timer pin returns to its original low level. As before, the
enable bit will be automatically reset to zero and the
Timer/Event Counter will stop counting. It is important to
note that in the Pulse Width Measurement Mode, the
enable bit is automatically reset to zero when the exter-
nal control signal on the external timer pin returns to its
original level, whereas in the other two modes the en-
able bit can only be reset to zero under program control.
The residual value in the Timer/Event Counter, which
can now be read by the program, therefore represents
the length of the pulse received on the external timer
pin. As the enable bit has now been reset, any further
transitions on the external timer pin will be ignored. Not
until the enable bit is again set high by the program can
the timer begin further pulse width measurements. In
this way, single shot pulse measurements can be easily
made.
It should be noted that in this mode the Timer/Event
Counter is controlled by logical transitions on the exter-
nal timer pin and not by the logic level. When the
Timer/Event Counter is full and overflows, an interrupt
signal is generated and the Timer/Event Counter will re-
load the value already loaded into the preload register
and continue counting. The interrupt can be disabled by
ensuring that the Timer/Event Counter Interrupt Enable
bit in the Interrupt Control Register, is reset to zero.
To ensure that the timer pin is configured to operate as a
pulse width measurement pin the Timer Control Regis-
ter must place the Timer/Event Counter in the Pulse
Width Measurement Mode.
Programming Considerations
When configured to run in the timer mode, the internal
system clock is used as the timer clock source and is
therefore synchronized with the overall operation of the
microcontroller. In this mode, when the appropriate
timer register is full, the microcontroller will generate an
internal interrupt signal directing the program flow to the
respective internal interrupt vector. For the pulse width
measurement mode, the internal system clock is also
used as the timer clock source but the timer will only run
when the correct logic condition appears on the external
timer input pin. As this is an external event and not syn-
chronised with the internal timer clock, the
microcontroller will only see this external event when the
next timer clock pulse arrives. As a result there may be
small differences in measured values requiring pro-
grammers to take this into account during programming.
The same applies if the timer is configured to be in the
event counting mode which again is an external event
and not synchronised with the internal system or timer
clock.
+ 1
+ 2
+ 3
+ 4
T i m e r
E x t e r n a l T M R
P i n I n p u t
T O N ( w i t h T E = 0 )
P r e s c a l e r O u t p u t
I n c r e m e n t
T i m e r C o u n t e r
P r e s c a l e r O u t p u t i s s a m p l e d a t e v e r y f a l l i n g e d g e o f T 1 .
Pulse Width Measure Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com