Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R34 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT95R34
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R34 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT95R34 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 27Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 28Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 29Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
HT95R34
Rev. 1.10
26
February 18, 2009
A u t o m a t i c a l l y C l e a r e d b y I S R
- e x p e c t f o r P C 0 F , P C 5 F a n d P C 7 F
M a n u a l l y S e t o r C l e a r e d b y S o f t w a r e
E x t e r n a l I n t e r r u p t
R e q u e s t F l a g E I F
T i m e r / E v e n t C o u n t e r 0
I n t e r r u p t R e q u e s t F l a g T 0 F
T i m e r / E v e n t C o u n t e r 1
I n t e r r u p t R e q u e s t F l a g T 1 F
E E I
E T 0 I
E T 1 I
E M I
A u t o m a t i c a l l y D i s a b l e d b y I S R
C a n b e E n a b l e d M a n u a l l y
P r i o r i t y
H i g h
I n t e r r u p t
P o l l i n g
P e r i p h e r a l I n t e r r u p t
R e q u e s t F l a g P E R F
E P E R I
R T C I n t e r r u p t
R e q u e s t F l a g R T C F
E R T C I
L o w
M u l t i - f u n c t i o n I n t e r r u p t
R e q u e s t F l a g M F F
E M F I
P C 0 I n t e r r u p t
R e q u e s t F l a g P C 0 F
E P C 0 I
P C 5 I n t e r r u p t
R e q u e s t F l a g P C 5 F
E P C 5 I
P C 7 I n t e r r u p t
R e q u e s t F l a g P C 7 F
E P C 7 I
Interrupt Structure
Interrupt Priority
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In case of simultaneous requests, the
following table shows the priority that is applied. These
can be masked by resetting the EMI bit.
Interrupt Source
All Devices Priority
Reset
1
External Interrupt
2
Timer 0 Interrupt
3
Timer 1 Interrupt
4
Peripheral Interrupt
5
Real Time Clock Interrupt
6
Multi-function Interrupt
7
In cases where both external and internal interrupts are
enabled and where an external and internal interrupt oc-
curs simultaneously, the external interrupt will always
have priority and will therefore be serviced first. Suitable
masking of the individual interrupts using the INTC reg-
ister can prevent simultaneous occurrences.
External Interrupt
For an external interrupt to occur, the global interrupt en-
able bit, EMI, and external interrupt enable bit, EEI, must
first be set. An actual external interrupt will take place
when the external interrupt request flag, EIF, is set, a situ-
ation that will occur when a high to low transition appears
on the INT line. When the interrupt is enabled, the stack is
not full and a high to low transition appears on the exter-
nal interrupt pin, a subroutine call to the external interrupt
vector at location 04H, will take place. When the interrupt
is serviced, the external interrupt request flag, EIF, will be
automatically reset and the EMI bit will be automatically
cleared to disable other interrupts.
Timer/Event Counter Interrupt
For a Timer/Event Counter interrupt to occur, the global
interrupt enable bit, EMI, and the corresponding timer
interrupt enable bit, ET0I or ET1I, must first be set. An
actual Timer/Event Counter interrupt will take place
when the Timer/Event Counter request flag, T0F or T1F,
is set, a situation that will occur when the Timer/Event
Counter overflows. When the interrupt is enabled, the
stack is not full and a Timer/Event Counter overflow oc-
curs, a subroutine call to the timer interrupt vector at lo-
cation 08H or 0CH, will take place. When the interrupt is
serviced, the timer interrupt request flag, T0F or T1F, will
be automatically reset and the EMI bit will be automati-
cally cleared to disable other interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com