Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R34 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT95R34
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R34 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT95R34 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
HT95R34
Rev. 1.10
23
February 18, 2009
When the Timer/Event Counter is read or if data is writ-
ten to the preload registers, the clock is inhibited to
avoid errors, however as this may result in a counting er-
ror, this should be taken into account by the program-
mer. Care must be taken to ensure that the timers are
properly initialised before using them for the first time.
The associated timer enable bits in the interrupt control
register must be properly set otherwise the internal in-
terrupt associated with the timer will remain inactive.
The edge select, timer mode control bits in timer control
register must also be correctly set to ensure the timer is
properly configured for the required application. It is also
important to ensure that an initial value is first loaded
into the timer register before the timer is switched on;
this is because after power-on the initial value of the
timer register is unknown. After the timer has been in-
itialised the timer can be turned on and off by controlling
the enable bit in the timer control register. Note that set-
ting the timer enable bit high to turn the timer on, should
only be executed after the timer mode bits have been
properly setup. Setting the timer enable bit high together
with a mode bit modification, may lead to improper timer
operation if executed as a single timer control register
byte write instruction.
When the Timer/Event counter overflows, its corre-
sponding interrupt request flag in the interrupt control
register will be set. If the timer interrupt is enabled this
will in turn generate an interrupt signal. However irre-
spective of whether the interrupts are enabled or not, a
Timer/Event counter overflow will also generate a
wake-up signal if the device is in a Power-down condi-
tion. This situation may occur if the Timer/Event Counter
is in the Event Counting Mode and if the external signal
continues to change state. In such a case, the
Timer/Event Counter will continue to count these exter-
nal events and if an overflow occurs the device will be
woken up from its Power-down condition. To prevent
such a wake-up from occurring, the timer interrupt re-
quest flag should first be set high before issuing the
HALT instruction to enter the Power Down Mode.
Timer Program Example
This program example shows how the Timer/Event
Counter registers are setup, along with how the inter-
rupts are enabled and managed. Note how the
Timer/Event Counter is turned on, by setting bit 4 of the
Timer Control Register. The Timer/Event Counter can
be turned off in a similar way by clearing the same bit.
This example program sets the Timer/Event Counter to
be in the timer mode, which uses the internal system
clock as the clock source.
Org
04h
; external interrupt vector
reti
Org
08h
; Timer/Event Counter 0 interrupt vector
jmp tmr0nt
; jump here when Timer 0 overflows
:
org 20h
; main program
;internal Timer/Event Counter interrupt routine
tmr0nt:
:
; Timer/Event Counter main program placed here
:
reti
:
:
begin:
;setup Timer registers
mov a,01fh
; setup preload value
- timer counts from this value to FFFFH
mov tmr01,a
mov a,09bh
mov tmr0h,a
mov a,080h
; setup Timer control register
mov tmr0c,a
; timer mode
; setup interrupt register
mov a,005h
; enable master interrupt and timer interrupt
mov intc0,a
set tmrc0.4
; start Timer
- note mode bits must be previously setup
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com