Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R34 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT95R34
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R34 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT95R34 Datasheet HTML 35Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 36Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 37Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 38Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 39Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 40Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 41Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 42Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
HT95R34
Rev. 1.10
39
February 18, 2009
Steering Time Adjustment Circuits
Programmable Frequency Divider (PFD) Generator
- MUSIC
A Programmable Frequency Divider function, otherwise known as PFD, is integrated within the microcontroller, provid-
ing a means of accurate frequency generation. It is composed of two functional blocks: a prescaler and a general coun-
ter.
PFD Control Register
The overall PFD function is controlled using the PFDC register. The prescaler is controlled by the register bits, PRES0
and PRES1. The general counter is programmed by an 8-bit register PFDD. The clock source for the PFD can be se-
lected to be either the 3.58MHz/4 or the 32768Hz oscillator. To enable the PFD output, the PFDEN bit should be set to
1. When the PFD is disabled the PFDD register is inhibited to be written to. To modify the PFDD contents, the PFD must
be enabled. When the generator is disabled, the PFDD is cleared by hardware.
P r e s c a l e r
P r e s c a l e r
O u t p u t
P F D D
P R E S 1 , P R E S 0
3 2 7 6 8 H z
3 . 5 8 M H z / 4
P F D E N
P F D
O u t p u t
M U S I C
B u z z e r
P F D C R e g i s t e r
b 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
P F D O u t p u t E n a b l e
1 : e n a b l e
0 : d i s a b l e
P F D P r e s c a l e r S e l e c t
0 0 : P r e s c a l e r o u t p u t = P F D f r e q u e n c y s o u r c e / 1
0 1 : P r e s c a l e r o u t p u t = P F D f r e q u e n c y s o u r c e / 2
1 0 : P r e s c a l e r o u t p u t = P F D f r e q u e n c y s o u r c e / 4
1 1 : P r e s c a l e r o u t p u t = P F D f r e q u e n c y s o u r c e / 8
P F D F r e q u e n c y S o u r c e S e l e c t
1 : 3 . 5 8 M H z / 4
0 : 3 2 7 6 8 H z
F P F D
P R E S 1 P R E S 0 P F D E N
R
C
V D D
R T / G T
E S T
V D D
(a) Fundamental circuit:
tGTP =R
´ C ´ Ln (VDD /(VDD - VTRT))
tGTA =R
´ C ´ Ln (VDD /VTRT)
R 1
C
V D D
R T / G T
E S T
R 2
D 1
V D D
(b) tGTP <tGTA :
tGTP = (R1 // R2)
´ C ´ Ln (VDD - VTRT))
tGTA =R1
´ C ´ Ln (VDD /VTRT)
R 1
C
V D D
R T / G T
E S T
R 2
D 1
V D D
(c) tGTP >tGTA :
tGTP =R1
´ C ´ Ln (VDD /(VDD - VTRT))
tGTA = (R1 // R2)
´ C ´ Ln (VDD /VTRT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com