Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R34 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT95R34
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R34 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT95R34 Datasheet HTML 36Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 37Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 38Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 39Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 40Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 41Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 42Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 43Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
HT95R34
Rev. 1.10
40
February 18, 2009
PFD Data Register
Bit No.
Label
R/W
Function
7~0
¾
RW
PFD data register
PFDD (2FH) Register
PFD_Output_Frequency=
Prescaler_Output
2x(N 1)
+
, where N = the value of the PFD Data
RTC Function
When RTC 1000ms time-out occurs, the hardware will set the interrupt request flag RTCF and the RTCTO flag to 1.
When the interrupt service routine is serviced, the interrupt request flag (RTCF) will be cleared to 0, but the flag RTCTO
remains in its original values. This bit (RTCTO) should be cleared only by software. However, next RTC interrupt will
still occur, even though the RTCTO flag is not cleared.
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later by the application software.
All options must be defined for proper system function, the details of which are shown in the table.
Name
Options
Wake-up PA
Port A wake-up selection.
Define the activity of wake-up function.
All port A have the capability to wake-up the chip from a HALT.
This wake-up function is selected per bit.
Pull-high PA
Pull-high PC0~PC1
Pull-high PC4~PC7
Pull-high PD
Pull-high PE3~PE0
Pull-high option.
This option determines whether the pull-high resistance is viable or not.
Port A pull-high option is selected per bit.
Port C pull-high option is selected per bit.
Port D pull-high option is selected per nibble.
Port E pull-high option is selected per nibble.
CLRWDT
This option defines how to clear the WDT by instruction.
One clear instruction
® The ²CLR WDT² can clear the WDT.
Two clear instructions
® Only when both of the ²CLR WDT1² and ²CLR WDT2² have been ex-
ecuted, then WDT can be cleared.
WDT
Watchdog enable/disable
WDT Clock Source
WDT clock source selection
RC
® Select the WDT OSC to be the WDT source.
T1
® Select the instruction clock to be the WDT source.
32kHz
® Select the external 32768Hz to be the WDT source.
LVR
Low Voltage Reset enable or disable
LVR Voltage
Low Voltage Reset voltage; 2.1V, 3.15V or 4.2V
R T C C R e g i s t e r
b 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
R T C F u n c t i o n E n a b l e
1 : e n a b l e
0 : d i s a b l e
R T C T i m e - o u t F l a g
1 : R T C t i m e - o u t o c c u r s
0 : R T C t i m e - o u t d o e s n o t o c c u r
R T C E N
N o t i m p l e m e n t e d , r e a d a s " 0 "
R T C T O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com