Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R34 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT95R34
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R34 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT95R34 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
General
VDD
Operating Voltage
¾¾
2.2
¾
5.5
V
CPU
IIDL1
Idle Mode Current 1
3V
32768Hz and 3.58MHz
oscillator off, system HALT,
WDT off, no load
¾¾
1.5
mA
5V
¾¾
2
IIDL2
Idle Mode Current 2
3V
32768Hz and 3.58MHz
oscillator off, system HALT,
WDT on, no load
¾¾
5
mA
5V
¾¾
10
ISLP
Sleep Mode Current
3V
32768Hz on, 3.58MHz
oscillator off, system HALT,
no load
¾¾
15
mA
5V
¾¾
30
IGRN
Green Mode Current
3V
32768Hz on, 3.58MHz oscilla-
tor off, system on, no load
¾¾
25
mA
5V
¾¾
50
INOR1
Normal Mode Current 1
3V
32768Hz on, 3.58MHz
oscillator on, system on,
DTMF generator off,
receiver off, no load
¾¾
2
mA
5V
¾¾
3
INOR2
Normal Mode Current 2
3V
32768Hz on, 3.58MHz
oscillator off, system on,
DTMF generator off,
receiver on, no load
¾¾
8
mA
5V
¾¾
10
RPH
Pull-high Resistor
3V
¾
66
200
330
k
W
5V
33
100
166
VIL
I/O Port Input Low Voltage
¾¾
0
¾
0.3VDD
V
VIH
I/O Port Input High Voltage
¾¾
0.7VDD
¾
VDD
V
IOL1
I/O Port Sink Current
3V
VOL= 0.1VDD
34
¾
mA
5V
4
6
¾
IOL2
PC2, PC3 Sink Current
5V
PC2/PC3= 0.5V
2.5
¾¾
mA
IOH1
I/O Port Source Current
3V
VOH= 0.9VDD
-1
-2
¾
mA
5V
-2
-3
¾
IOH2
PC2, PC3 Leakage Current
5V
PC2/PC3= 5V
¾¾
2.5
mA
HT95R34
Rev. 1.10
4
February 18, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com