Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R34 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT95R34
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R34 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT95R34 Datasheet HTML 29Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 30Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 31Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 32Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 33Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 34Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 35Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 36Page - Holtek Semiconductor Inc HT95R34 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
HT95R34
Rev. 1.10
33
February 18, 2009
Watchdog Timer
The Watchdog Timer is provided to prevent program
malfunctions or sequences from jumping to unknown lo-
cations, due to certain uncontrollable external events
such as electrical noise. It operates by providing a de-
vice reset when the WDT counter overflows. The WDT
clock is supplied by one of three sources selected by a
configuration option. These can be its own
self-contained dedicated internal WDT oscillator, exter-
nal 32768Hz or the instruction clock which is the system
clock divided by 4. Note that if the WDT configuration
option has been disabled, then any instruction relating
to its operation will result in no operation.
A configuration option can select the instruction clock,
which is the system clock divided by 4, as the WDT clock
source instead of the internal WDT oscillator. If the in-
struction clock is used as the clock source, it must be
noted that when the system enters the Power Down
Mode, as the system clock is stopped, then the WDT
clock source will also be stopped. Therefore the WDT
will lose its protecting purposes. In such cases the sys-
tem cannot be restarted by the WDT and can only be re-
started using external signals. For systems that operate
in noisy environments, using the internal WDT oscillator
or 32768Hz oscillator is therefore the recommended
choice.
Under Normal Mode and Green Mode operation, a WDT
time-out will initialise a device reset and set the status bit
TO. However, if the system is in the Sleep Mode or Idle
Mode, when a WDT time-out occurs, only the Program
Counter and Stack Pointer will be reset. Three methods
can be adopted to clear the contents of the WDT and the
WDT prescaler. The first is an external hardware reset,
which means a low level on the RES pin, the second is
using the watchdog software instructions and the third is
via a
²HALT² instruction.
There are two methods of using software instructions to
clear the Watchdog Timer, one of which must be chosen
by configuration option. The first option is to use the sin-
gle
²CLR WDT² instruction while the second is to use
the two commands
²CLR WDT1² and ²CLR WDT2². For
the first option, a simple execution of
²CLR WDT² will
clear the WDT while for the second option, both
²CLR
WDT1
² and ²CLR WDT2² must both be executed to
successfully clear the WDT. Note that for this second
option, if
²CLR WDT1² is used to clear the WDT, succes-
sive executions of this instruction will have no effect,
only the execution of a
²CLR WDT2² instruction will
clear the WDT. Similarly, after the
²CLR WDT2² instruc-
tion has been executed, only a successive
²CLR WDT1²
instruction can clear the Watchdog Timer.
W S 2
W D T S R e g i s t e r
b 7
b 0
W D T p r e s c a l e r r a t e s e l e c t
W S 2
0
0
0
0
1
1
1
1
W S 1
0
0
1
1
0
0
1
1
W S 0
0
1
0
1
0
1
0
1
W D T R a t e
1 : 1
1 : 2
1 : 4
1 : 8
1 : 1 6
1 : 3 2
1 : 6 4
1 : 1 2 8
N o t u s e d
W S 1 W S 0
Watchdog Timer Register
W D T C l o c k S o u r c e
C o n f i g u r a t i o n
O p t i o n
C l e a r W D T T y p e
C o n f i g u r a t i o n O p t i o n
C L R W D T 1 F l a g
C L R W D T 2 F l a g
C L R
9 - b i t C o u n t e r
W D T O s c i l l a t o r
f S Y S / 4
1 o r 2 I n s t r u c t i o n s
W D T C l o c k S o u r c e
f S
3 2 7 6 8 H z
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com