Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC508
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508 Datasheet(HTML) 4 Page - Semtech Corporation

  SC508 Datasheet HTML 1Page - Semtech Corporation SC508 Datasheet HTML 2Page - Semtech Corporation SC508 Datasheet HTML 3Page - Semtech Corporation SC508 Datasheet HTML 4Page - Semtech Corporation SC508 Datasheet HTML 5Page - Semtech Corporation SC508 Datasheet HTML 6Page - Semtech Corporation SC508 Datasheet HTML 7Page - Semtech Corporation SC508 Datasheet HTML 8Page - Semtech Corporation SC508 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
SC508/SC508A
4
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Input Supplies (continued)
VDDA + VDDP Supply Current(2)
ENL , EN = 0V
3
7
μA
Power-save operation
EN = 5V, PSV = open (float), V
FB > 600mV
0.4
mA
Ultrasonic Power-save operation
EN = 5V, R
PSV = 115kΩ, VFB > 600mV
2.4
Forced Continuous Mode operation
Operating f
SW = 220kHz, PSV = VDDA, no load
13
FB Comparator Threshold
Static V
IN and load, 0 to +85 °C
0.5952
0.600
0.6048
V
Static V
IN and load, -40 to +85 °C
0.594
0.606
V
Frequency Range
Continuous mode operation
1000
kHz
Timing
On-Time
Forced Continuous Mode operation
V
IN = 30V, VOUT = 3 V, RTON = 600kΩ, VDDA = 5V
1530
1700
1870
ns
On-time Accuracy; Forced Continuous Mode
V
IN = 4.5 to 10V, VOUT = 3 V, RTON = 600kΩ, VDDA = 5V
±15
%
Minimum On-Time
80
ns
Minimum Off-Time
250
ns
Ultrasonic Frequency
Minimum switching frequency, R
PSV = 115kΩ
25
kHz
Soft-Start
Soft-Start Charge Current
3.0
μA
Analog Inputs/Outputs
VOUT Input Resistance
500
kΩ
Current Sense
Zero Cross Detector Threshold
LX with respect to PGND
-3
0
+3
mV
Power Good
Power Good Threshold
Upper limit, V
FB > internal 600mV reference
+20
%
Lower limit, V
FB < internal 600mV reference
-10
Startup Delay Time
EN rising edge to PGOOD rising edge, CSS = 10nF
11
ms
Fault (noise immunity) Delay Time
5
µs
Leakage
PGOOD = high impedance (open)
1
µA
Power Good On-Resistance
PGOOD = pulled low to AGND
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com