Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC508
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC508 Datasheet HTML 16Page - Semtech Corporation SC508 Datasheet HTML 17Page - Semtech Corporation SC508 Datasheet HTML 18Page - Semtech Corporation SC508 Datasheet HTML 19Page - Semtech Corporation SC508 Datasheet HTML 20Page - Semtech Corporation SC508 Datasheet HTML 21Page - Semtech Corporation SC508 Datasheet HTML 22Page - Semtech Corporation SC508 Datasheet HTML 23Page - Semtech Corporation SC508 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
SC508/SC508A
20
Applications Information (continued)
VDDA UVLO and POR
The VDDA Under-Voltage Lock-Out (UVLO) circuitry inhib-
its switching and tri-states the DH/DL drivers until VDDA
rises above 3.9V. When VDDA exceeds 3.9V, an internal
POR (Power-On Reset) resets the fault latch and the soft-
start circuitry and then the SC508 is ready to begin a soft-
start cycle. The switcher will shut off if VDDA falls below
3.6V. VDDP does not have UVLO protection.
LDO Regulator
When the LDO is providing bias power to the device, a
minimum 0.1μF capacitor referenced to AGND is required,
along with a minimum 1μF capacitor referenced to PGND
to filter the gate drive pulses. Refer to the PCB Layout
Guidelines section.
ENL Pin and V
IN UVLO
The ENL pin is also used for the V
IN under-voltage lockout
(V
IN UVLO) for the switcher. The VIN UVLO voltage is pro-
grammable via a resistor divider at the V
IN, ENL and AGND
pins. The V
IN UVLO function has a typical threshold of 1.56V
on the V
IN rising edge. The falling edge threshold is 1.52V.
Timing is important when driving ENL with logic and not
using the V
IN UVLO capability. The ENL pin must transition
from high to low within 2 switching cycles to avoid the
PWM output turning off. If ENL goes below the V
IN UVLO
threshold and stays above 1V, then the switcher will turn
off but the LDO will remain on.
Note that it is possible to operate the switcher with the
LDO disabled, but the ENL pin must be below the logic
low threshold (0.4V maximum), otherwise the V
IN UVLO
function will disable the switcher.
The next table summarizes the function of the ENL and EN
pins, with respect to the rising edge of ENL.
EN
ENL
LDO status Switcher status
low
low, < 0.4V
off
off
high
low, < 0.4V
off
on
low
high, < 1.52V
on
off
high
high, < 1.52V
on
off
low
high, > 1.56V
on
off
high
high, > 1.56V
on
on
Figure 13 shows the ENL voltage thresholds and their
effect on LDO and Switcher operation.
AGND
ENL low
threshold
(min 0.4V)
1.56V
1.52V
LDO on
LDO on
LDO off
VIN UVLO hysteresis
ENL voltage
Switcher on if EN = high
Switcher on if EN = high
Switcher off by VIN UVLO
Figure 13 — ENL Thresholds
ENL Logic Control of PWM Operation
When the ENL input exceeds the V
IN UVLO threshold of
1.56V, internal logic checks the PGOOD signal. If PGOOD
is high, the switcher is already running and the LDO will
start without affecting the switcher. If PGOOD is low, the
device disables PWM switching until the LDO output has
reached 90% of its final value. This delay prevents the
additional current needed by the DH and DL gate drives
from overloading the LDO at start-up.
LDO Start-up
Before LDO start-up, the device checks the status of the
following signals to ensure proper operation can be
maintained.
ENL pin
VLDO output
V
IN input voltage
When the ENL pin is high and V
IN voltage is available, the
LDO will begin start-up. During the initial phase when
V
LDO is below 1V, the LDO initiates a current-limited start-
up (typically 20mA). This protects the LDO from thermal
damage if the VLDO pin is shorted to ground. As V
LDO
exceeds 1V, the start-up current gradually increases to
1.
2.
3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com