Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508 Datasheet(PDF) 28 Page - Semtech Corporation

Part # SC508
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SC508 Datasheet HTML 24Page - Semtech Corporation SC508 Datasheet HTML 25Page - Semtech Corporation SC508 Datasheet HTML 26Page - Semtech Corporation SC508 Datasheet HTML 27Page - Semtech Corporation SC508 Datasheet HTML 28Page - Semtech Corporation SC508 Datasheet HTML 29Page - Semtech Corporation SC508 Datasheet HTML 30Page - Semtech Corporation SC508 Datasheet HTML 31Page - Semtech Corporation SC508 Datasheet HTML 32Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
SC508/SC508A
28
Applications Information (continued)
PCB Layout Guidelines
A switch-mode converter requires good PCB layout which
is essential to achieving high performance. The following
guidelines will provide an optimum PCB layout.
The device layout recommendations consist of four parts.
Grounding for PGND and AGND
Power components
Low-noise analog circuits
Bypass capacitors
Grounding for PGND and AGND
A ground plane layer for PGND is recommended
to minimize the effects of switching noise, resis-
tive losses, and to maximize heat removal from
the power components.
A separate ground plane or island should be used
for AGND and all associated components. The
AGND island should avoid overlapping switching
signals on other layers (DH/DL/BST/LX).
Connect PGND and AGND together with a zero
ohm resistor or copper trace. Make the connec-
tion near the AGND and PGND pins of the IC.
Power Components
Use short, wide traces between the following
power components.
Input capacitors and high-side MOSFETs
High-side and Low-side MOSFETs and in-
ductor (LX connection). Use wide copper
traces to provide high current carrying ca-
pacity and for heat dissipation.
Inductor and output capacitors.
All PGND connections — the input capaci-
tors, low-side MOSFETs, output capacitors,
and the PGND pin of the SC508.
An inner layer ground plane is recommended.
Each power component requires a short, low
impedance connection to the PGND plane.
Place vias to the PGND plane directly near the
component pins.
Use short wide traces for the pin connections
from the SC508 (LX, DH, DL and BST). Do not
route these traces near the sensitive low-noise
analog signals (FB, FBL, SS, TON, V
OUT).
•
•
•
•
•
•
•
•
•
•
•
•
Avoid overlapping of the DL trace with LX/DH/
BST. This helps reduce transient peaks on the
gate of the low-side MOSFET during the turn-on
of the high-side MOSFET.
Low-noise Analog Circuits
Low-noise analog circuits are sensitive circuits that are
referenced to AGND. Due to their high impedance and
sensitivity to noise, it is important that these circuits be
located as far as possible from the switching signals.
Use a plane or solid area for AGND. Place all
components connected to AGND above this
area.
Use short direct traces for the AGND con-
nections to all components.
Place vias to the AGND plane directly near
the component pins.
Proper routing of the V
OUT sense trace is essential
since it feeds into the FB resistor divider. Noise
on the FB waveform will cause instability and
multiple pulsing.
Connect the V
OUT sense trace directly to
the output capacitor or a ceramic bypass
capacitor.
Route this trace over to the VOUT pin, care-
fully avoiding all switching signals and
power components.
Route this trace in a quiet layer if possible.
Route this trace away from the switch-
ing traces and components, even if the
trace is longer. Avoid shorter trace routing
through the power switching area.
If a bypass capacitor is used at the IC side
of the V
OUT sense trace, it should be placed
near the FB resistor divider.
All components connected to the FB pin must
be located near the pin. The FB traces should be
kept small and not routed near any noisy switch-
ing connections or power components.
Place the SS capacitor near the SS pin with a
short direct connection to the AGND plane.
Place the R
LIM resistor near the IC. For an accurate
I
LIM current sense connection, route the RLIM trace
directly to the drain of the low-side MOSFET (LX).
Use an inner routing layer if needed.
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com