Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC508
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC508 Datasheet HTML 18Page - Semtech Corporation SC508 Datasheet HTML 19Page - Semtech Corporation SC508 Datasheet HTML 20Page - Semtech Corporation SC508 Datasheet HTML 21Page - Semtech Corporation SC508 Datasheet HTML 22Page - Semtech Corporation SC508 Datasheet HTML 23Page - Semtech Corporation SC508 Datasheet HTML 24Page - Semtech Corporation SC508 Datasheet HTML 25Page - Semtech Corporation SC508 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
SC508/SC508A
22
Applications Information (continued)
the ENL pin low (to AGND) will turn off the LDO and the
LDO switch-over MOSFET, but the switcher will continue
operating. V
OUT will feed into the LDO output and the
VDDA/VDDP supplies through the internal parasitic diode.
This can potentially damage the device, and also prevents
the switcher from shutting off until the VDDA supply drops
below the VDDA UVLO threshold. For these applications a
dedicated logic signal is required to drive EN low and
disable the switcher. This signal can be combined with
the ENL signal if needed, as long as the EN pin does not
exceed Absolute Maximum Ratings.
LDO Usage at Low Input Voltage
Applications requiring steady-state or transient operation
at low input voltages (V
IN below 6.5V) may use the internal
LDO to bias the VDDA/VDDP pins within limitations. There
are limitations to both startup and normal operation as
explained below.
When starting up using the internal LDO, switcher opera-
tion is inhibited until the LDO output reaches 4.5V. During
this time, the LDO start-up is implemented using a current
source. At low V
IN it is important to not apply an external
load to the LDO, in order to allow the LDO output to reach
the 4.5V threshold and allow switching to begin.
Once switching begins, LDO operation transitions from
current-source operation to voltage regulation. The
minimum operating V
IN is then limited by the RDSON of the
internal LDO MOSFET. The current required to power the
SC508 and external MOSFET gates causes a voltage drop
from the V
IN pin to the VLDO pin. The VLDO pin must stay
above 4.5V, otherwise the LDO control will revert back to
current-source operation, causing more voltage drop at
the LDO output. The RDS
ON of the LDO mosfet at low VIN is
typically 24 ohms at 25°C.
Design Procedure
When designing a switch mode supply the input voltage
range, load current, switching frequency, and inductor
ripple current must be specified.
The maximum input voltage (V
INMAX) is the highest specified
input voltage. The minimum input voltage ( V
INMIN) is deter-
mined by the lowest input voltage including the voltage
drops due to connectors, fuses, switches, and PCB traces.
The following parameters define the design.
Nominal output voltage (V
OUT)
Static or DC output tolerance
Transient response
Maximum load current (I
OUT)
There are two values of load current to evaluate — con-
tinuous load current and peak load current. Continuous
load current relates to thermal stresses which drive the
selection of the inductor and input capacitors. Peak load
current determines instantaneous component stresses and
filtering requirements such as inductor saturation, output
capacitors, and design of the current limit circuit.
The following values are used in this design.
V
IN = 28V + 10%
V
OUT = 1.8V + 4%
f
SW = 220kHz
Load = 8A maximum
Frequency Selection
Selection of the switching frequency requires making a
trade-off between the size and cost of the external filter
components (inductor and output capacitor) and the
power conversion efficiency.
The desired switching frequency is 220kHz.
A resistor, R
TON is used to program the on-time (indirectly
setting the frequency) using the following equation.
OUT
IN
ON
TON
V
28pF
V
)
ns
10
T
(
R
To select R
TON, use the maximum value for VIN, and for TON
use the value associated with maximum V
IN.
SW
INMAX
OUT
ON
f
V
V
T
T
ON = 266 ns at 30.8VIN, 1.8VOUT, 220kHz
Substituting for R
TON results in the following solution.
R
TON = 156kΩ, use RTON = 154kΩ
•
•
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com