Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508 Datasheet(PDF) 29 Page - Semtech Corporation

Part # SC508
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508 Datasheet(HTML) 29 Page - Semtech Corporation

Back Button SC508 Datasheet HTML 24Page - Semtech Corporation SC508 Datasheet HTML 25Page - Semtech Corporation SC508 Datasheet HTML 26Page - Semtech Corporation SC508 Datasheet HTML 27Page - Semtech Corporation SC508 Datasheet HTML 28Page - Semtech Corporation SC508 Datasheet HTML 29Page - Semtech Corporation SC508 Datasheet HTML 30Page - Semtech Corporation SC508 Datasheet HTML 31Page - Semtech Corporation SC508 Datasheet HTML 32Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
SC508/SC508A
29
Applications Information (continued)
Place the R
TON resistor near the TON pin. Route
R
TON to the TON pin and to AGND using short
traces and avoid all switching signals.
Bypass Capacitors
The device requires bypass capacitors for the following
pins.
VDDA pin with respect to AGND. This 0.1μF
minimum capacitor must be placed and routed
close to the IC pins, on the same layer as the IC.
This capacitor also functions as bypass for the
LDO output, since the VDDA and VLDO pins are
adjacent.
VDDP with respect to PGND. This 1μF minimum
capacitor must be placed and routed close to
the IC pins and on the same layer as the IC.
BST pin with respect to LX. This 0.1μF minimum
capacitor must be placed near the IC, on either
side of the PCB. Use short traces for the routing
between the capacitor and the IC.
VIN pin with respect to AGND. This 0.1μF
minimum capacitor must be placed and routed
close to the IC pins. This capacitor provides
noise filtering for the input to the internal LDO.
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com