Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508 Datasheet(PDF) 26 Page - Semtech Corporation

Part # SC508
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508 Datasheet(HTML) 26 Page - Semtech Corporation

Back Button SC508 Datasheet HTML 22Page - Semtech Corporation SC508 Datasheet HTML 23Page - Semtech Corporation SC508 Datasheet HTML 24Page - Semtech Corporation SC508 Datasheet HTML 25Page - Semtech Corporation SC508 Datasheet HTML 26Page - Semtech Corporation SC508 Datasheet HTML 27Page - Semtech Corporation SC508 Datasheet HTML 28Page - Semtech Corporation SC508 Datasheet HTML 29Page - Semtech Corporation SC508 Datasheet HTML 30Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
SC508/SC508A
26
Applications Information (continued)
Figure 18 shows the equivalent circuit for calculating the
magnitude of the ripple contribution at the FB pin due to C
L.
R1
R2
FB
pin
CC
L
CL
RL
DCR
D x VIN
+-
VL
Figure 18 — FB Voltage by CL Voltage
The magnitude of the FB ripple contribution due to C
L is
shown by the following equation.
1
C
S
R
//
R
C
S
R
//
R
Vc
VFBc
C
2
1
C
2
1
L
L
Figure 19 shows the equivalent circuit for calculating the
magnitude of the ripple contribution due to the output
voltage ripple.
R1
R2
FB
pin
CC
COUT
L
CL
RL
DCR
VL
VOUT
R1
R2
VOUT
CC
FB
pin
COUT
Figure 19 — FB Voltage by Output Voltage
The magnitude of the FB ripple contribution due to output
voltage ripple is shown by the following equation.
The purpose of this network is to couple the inductor
current ripple information into the feedback voltage such
that the feedback voltage has 90 degrees phase lag to the
switching node similar to the case of using standard high
ESR capacitors. This is illustrated in Figure 20.
VOUT
LX
IL
FB contribution
by CL
FB contribution by
output voltage ripple
Combined FB
Figure 20 — FB voltage in Phaser Diagram
The magnitude of the feedback ripple voltage, which is
dominated by the contribution from C
L , is controlled by
the value of R
1, R2 and CC . If the corner frequency of (R1//
R
2) x CC is too high, the ripple magnitude at the FB pin will
be smaller, which can lead to double-pulsing. Conversely,
if the corner frequency of (R
1// R2) x CC is too low, the ripple
magnitude at FB pin will be higher. Since the SC508 regu-
lates to the valley of the ripple voltage at the FB pin, a high
ripple magnitude is undesirable as it significantly impacts
the output voltage regulation. As a result, it is desirable to
select a corner frequency for (R
1// R2) x CC to achieve
enough, but not excessive, ripple magnitude and phase
margin. The component values for R
1, R2, and CC should
be calculated using the following procedure.
Select C
L (typical 10nF) and RL to match with L and DCR
time constant using the following equation.
Select C
C by using the following equation.
The resistor values (R
1 and R2) in the voltage divider circuit
set the V
OUT for the switcher. The typical value for CC is
from 10pF to 1nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com