Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC508
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC508 Datasheet HTML 15Page - Semtech Corporation SC508 Datasheet HTML 16Page - Semtech Corporation SC508 Datasheet HTML 17Page - Semtech Corporation SC508 Datasheet HTML 18Page - Semtech Corporation SC508 Datasheet HTML 19Page - Semtech Corporation SC508 Datasheet HTML 20Page - Semtech Corporation SC508 Datasheet HTML 21Page - Semtech Corporation SC508 Datasheet HTML 22Page - Semtech Corporation SC508 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
SC508/SC508A
19
Pre-Bias Start-up
SC508 can support soft-start with an output pre-bias. The
SS ramp time is the same as a normal start-up when the
output voltage starts from zero. Under a pre-bias start-up,
the DH and DL drivers inhibit switching until 40% of the
ramp at the SS pin equals the pre-bias FB voltage level.
Pre-bias start-up is achieved by turning off the lower
MOSFET when the inductor current reaches zero during
the soft-start cycle. This method prevents the output
voltage from decreasing.
Power Good Output
The PGOOD (power good) output is an open-drain output
which requires a pull-up resistor. During start-up, PGOOD
is held low and is not allowed to transition high until the
output voltage is in regulation and the SS pin has reached
67% of VDDA. The time from EN going high to PGOOD
going high is typically 11ms for CSS = 10nF.
When the voltage at the FB pin is 10% below the nominal
voltage, PGOOD is pulled low. Once PGOOD pulls low
there is typically 2% hysteresis to prevent chatter on the
PGOOD output.
PGOOD will transition low if the FB voltage exceeds +20%
of nominal (720mV), which is also the over-voltage shut-
down threshold. PGOOD also pulls low if the EN pin is low
and VDDA is present.
Output Over-Voltage Protection
Over-voltage protection (OVP) becomes active as soon as
the device is enabled. The OVP threshold is set at 600mV
+ 20% (720mV). There is a 5μs delay built into the OVP
detector to prevent false transitions. When V
FB exceeds the
OVP threshold, DL is driven high and the low-side MOSFET
is turned on. DL remains high and the controller remains
off while the device goes through the automatic fault
recovery cycle. When the automatic recovery cycle is
completed, the device will attempt a new soft-start cycle.
At the start of the soft-start cycle, the DL output will go
low for typically 30usec while the controller initializes the
soft-start sequence. PGOOD is also low after an OVP
event.
Output Under-Voltage Protection
When V
FB falls 25% below its nominal voltage (falls to
450mV) for eight consecutive clock cycles, the switcher is
shut off and the DH and DL drives are pulled low to tri-
state the MOSFETs. The controller stays off while the
device goes through the automatic fault recovery cycle.
Automatic Fault Recovery
The SC508 includes an automatic recovery feature (hiccup
mode upon fault). If the switcher output is shut down due
to a fault condition, the device uses the SS capacitor as a
timer. Upon fault detection the SS pin is pulled low and
then begins charging through the internal 3μA current
source. When the SS capacitor reaches 67% of VDDA, the
SS pin is again pulled low, after which the SS capacitor
begins another charging cycle. The SS capacitor will be
used for 15 cycles of charging from 0 to 67% of VDDA.
During these cycles the switcher is off and there is no
MOSFET switching.
During the 16th SS charging cycle, the normal soft-start
routine is implemented and the MOSFETs begin switch-
ing. Switching continues until the Power Good Start-up
Delay Time is reached. If the switcher output is still in a
fault condition, the switcher will again shut down and
force 15 cycles of SS charging before attempting another
soft-start. The long delay between soft-start cycles
reduces the average power loss in the power
components.
The automatic recovery timing is shown in Figure 12.
15 cycles
SS
tHICCUP = 15 x tEN_PGOOD
tEN_PGOOD
67% x VDDA
1 soft-start cycle
fault
applied
15 cycles
1 soft-start cycle
tEN_PGOOD
tEN_PGOOD
tHICCUP = 15 x tEN_PGOOD
Figure 12 — Automatic Recovery Timing
If the fault was due to an over-voltage condition, the DL
output will remain high during the 15 SS charging cycles.
For all other faults, the DL output will remain low. In all
cases, during the 16th SS charging cycle, DL will drive low
for typically 30usec as the controller initializes a soft-start
cycle.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com