Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC508
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC508 Datasheet HTML 4Page - Semtech Corporation SC508 Datasheet HTML 5Page - Semtech Corporation SC508 Datasheet HTML 6Page - Semtech Corporation SC508 Datasheet HTML 7Page - Semtech Corporation SC508 Datasheet HTML 8Page - Semtech Corporation SC508 Datasheet HTML 9Page - Semtech Corporation SC508 Datasheet HTML 10Page - Semtech Corporation SC508 Datasheet HTML 11Page - Semtech Corporation SC508 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
SC508/SC508A
8
Typical Characteristics (continued)
Start-up — EN Input
EN (5V/div)
V
IN = 42V, VOUT = 1.8V, IOUT = 0A, PSAVE
Time (1m���i��
���i��
��i��
PGOOD (5V/div)
LX (50V/div)
Pre-Bias Start- up — EN Input
EN (5V/div)
V
IN = 42V, VOUT = 1.8V, IOUT = 0A, PSAVE
Time (1m���i��
���i��
��i��
V
OUT (1V/div)
PGOOD (5V/div)
Start-up — SS ramp-up
SS (5V/div)
V
IN = 42V, VOUT = 1.8V, IOUT = 0A, PSAVE, startup using EN input
Time (1m���i��
���i��
��i��
Shutdown — EN Input
ENL (5V/div)
V
IN = 5V, VOUT = 1.8V, IOUT = 1A, PSAVE
Time (1m���i��
���i��
��i��
PGOOD (5V/div)
LX (50V/div)
V
OUT (1V/div)
Over-current — Automatic Restart
V
IN = 42V, VOUT = 1.8V, External load = 15A
Time (20m���i��
���i��
��i��
I
OUT (10A/div)
LX (50V/div)
Start-up, Shutdown — ENL Input (V
IN UVLO)
ENL (5V/div)
V
IN = 42V, VOUT = 1.8V, IOUT = 1A, PSAVE
Time (4m���i��
���i��
��i��
V
OUT (1V/div)
V
OUT (1V/div)
V
OUT (1V/div)
PGOOD (5V/div)
LX (50V/div)
PGOOD (5V/div)
LX (50V/div)
LX (50V/div)
V
OUT (1V/div)
SS (5V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com