Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC508 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC508
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC508 Datasheet HTML 2Page - Semtech Corporation SC508 Datasheet HTML 3Page - Semtech Corporation SC508 Datasheet HTML 4Page - Semtech Corporation SC508 Datasheet HTML 5Page - Semtech Corporation SC508 Datasheet HTML 6Page - Semtech Corporation SC508 Datasheet HTML 7Page - Semtech Corporation SC508 Datasheet HTML 8Page - Semtech Corporation SC508 Datasheet HTML 9Page - Semtech Corporation SC508 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SC508/SC508A
6
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
High-Side Driver (DH, BST, LX)
Peak Current
VDDP = 5V, DH pin sourcing or sinking
2
A
On Resistance
R
DH_PULL-UP, LX < 0.5V, VDDP = 5V
3.0
6.0
Ω
R
DH_PULL-UP, LX > 0.5V, VDDP = 5V
1.0
2.0
Ω
R
DH_PULL-DOWN, VDDP = 5V
0.6
1.2
Ω
Rise Time
C
DH-LX = 3nF, VDDP = 5V
22
ns
Fall Time
C
DH-LX = 3nF, VDDP = 5V
12
ns
Propagation Delay
From FB Input to DH
45
ns
Shoot-thru Protection Delay
45
ns
Bootstrap Switch Resistance
16
Ω
Low-Side Driver (DL, VDDP, PGND)
Peak Current
VDDP = 5V, DL sourcing
2
A
VDDP = 5V, DL sinking
4
On Resistance
R
DL_PULL-UP, VDDP = 5V
1.0
2.1
Ω
R
DL_PULL-DOWN, VDDP = 5V
0.50
0.86
Ω
Rise Time
C
DL = 3nF, VDDP = 5V
7
ns
Fall Time
C
DL = 3nF, VDDP = 5V
3.5
ns
Notes:
(1) V
IN UVLO is programmable using a resistor divider from VIN to ENL to AGND. The ENL voltage is compared to an internal reference.
(2) For UPSV and FCM operation, the VDDA and VDDA supply current includes the DH/DL current required to drive the external MOSFETS.
(3) The ENL pin will enable the LDO with 0.8V typical. The ENL pin V
IN ULVO function will disable the switcher unless the ENL pin exceeds the VIN
UVLO Threshold which is typically 1.56V.
(4) The switch-over threshold is the maximum voltage differential between the VLDO and VOUT pins which ensures that VLDO will internally
switch-over to VOUT. The non-switch-over threshold is the minimum voltage differential between the VLDO and VOUT pins which ensures
that VLDO will not switch-over to VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com