Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14821 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 9Page - Maxim Integrated Products MAX14821 Datasheet HTML 10Page - Maxim Integrated Products MAX14821 Datasheet HTML 11Page - Maxim Integrated Products MAX14821 Datasheet HTML 12Page - Maxim Integrated Products MAX14821 Datasheet HTML 13Page - Maxim Integrated Products MAX14821 Datasheet HTML 14Page - Maxim Integrated Products MAX14821 Datasheet HTML 15Page - Maxim Integrated Products MAX14821 Datasheet HTML 16Page - Maxim Integrated Products MAX14821 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products 13
MAX14821
IO-Link Device Transceiver
Typical Operating Characteristics (continued)
(VCC = 24V, LDOIN = VP, VL = LDO33, C/Q and DO in push-pull configuration, TA = +25NC, unless otherwise noted.)
C/Q SHORT-CIRCUIT PROTECTION
MAX14821 toc13
ISINK
100mA/div
TXEN = VL
TXQ = TXC = VL
tSHORT = 200µs
C/Q
10V/div
40µs
IRQ
2V/div
LDOIN SUPPLY CURRENT
vs. LDOIN VOLTAGE
VLDOIN (V)
33
30
12 15 18
24
21
27
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
936
TA = +25°C
TA = +85°C
TA = -40°C
VCC = 36V
C/Q AND DO DRIVERS ENABLED
V5, LDO33 ARE LOADED
TXC = TXQ = LO = VL
V5 LOAD REGULATION
LOAD CURRENT (mA)
40
30
20
10
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0
-0.50
050
TA = +25°C
TA = +85°C
TA = -40°C
LDO33 LOAD REGULATION
LOAD CURRENT (mA)
40 45
35
30
25
20
15
5 10
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-0.7
050
TA = +25°C
TA = +85°C
TA = -40°C
VCC SUPPLY CURRENT
vs. C/Q DATA RATE
C/Q DATA RATE (kbps)
100
10
2
4
6
8
10
12
14
16
18
0
11k
VLDOIN = V5 = 5V
TXEN = VL
HiSlew = 1
NO LOAD ON C/Q
VCC = 36V
VCC = 30V
VCC = 24V
VCC SUPPLY CURRENT
vs. VCC VOLTAGE
VCC VOLTAGE (V)
33
30
24 27
15 18 21
12
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
936
TA = +25°C
TA = +85°C
TA = -40°C
VLDOIN = 7V
C/Q AND DO DRIVERS ENABLED
V5, VP UNLOADED
C/Q AND DI CURRENT LOADS OFF
TXC = TXQ = LO = VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com