Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14821 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 19Page - Maxim Integrated Products MAX14821 Datasheet HTML 20Page - Maxim Integrated Products MAX14821 Datasheet HTML 21Page - Maxim Integrated Products MAX14821 Datasheet HTML 22Page - Maxim Integrated Products MAX14821 Datasheet HTML 23Page - Maxim Integrated Products MAX14821 Datasheet HTML 24Page - Maxim Integrated Products MAX14821 Datasheet HTML 25Page - Maxim Integrated Products MAX14821 Datasheet HTML 26Page - Maxim Integrated Products MAX14821 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products 23
MAX14821
IO-Link Device Transceiver
DIOConfig Register [R1, R0] = [1,0]
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Bit Name
DoInv
DoAv
DoN/P
DoPP
DoEn
DoBit
LiDis
DiLoad
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR State
0
0
0
0
0
0
0
0
Use the DIOConfig register to control the DI and DO interfaces. All bits in the DIOConfig register are read-write and
are set to 0 at power-up.
BIT
NAME
DESCRIPTION
D7
DoInv
DO Output Polarity. Set the DoInv bit to 1 to invert the logic of the DO
output. This bit also works in conjunction with the DoAv (Table 6). DO
tracks the TXC and TXQ inputs with the opposite polarity when both the
DoAv and DoInv bits are set.
D6
DoAv
DO Antivalent Operation. Set the DoAv bit to 1 to enable antivalent
output operation on DO. DO tracks the TXC and TXQ inputs (and the Q
bit) when DoAv is 1 (Table 6).
The LO input and the DoBit are ignored when the DoAv bit is 1.
D5
DoN/P
DO Driver NPN/PNP Operation. The DoN/P bit selects between low-
side (NPN) and high-side (PNP) modes when the DO driver is configured
as an open-drain output (DoPP = 0). Set DoN/P to 1 to configure the
driver for low-side (NPN) operation. Set DoN/P to 0 for high-side (PNP)
operation.
D4
DoPP
DO Driver Push-Pull Operation. Set the DoPP bit to 1 to configure the
DO driver output for push-pull operation. DO is an open-drain output
when DoPP is 0.
D3
DoEn
DO Driver Enable/Disable. Set the DoEn bit to 1 to enable the DO
driver. The DO driver is high impedance with a weak pulldown when
DoEn is 0.
D2
DoBit
DO Driver Output Logic. The DoBit bit can be used to program the
DO output driver through software. Drive LO high to activate DoBit
programming (Figure 9). The DO output state is given in Table 7. Note
that Table 7 assumes that the DoInv bit is 0.
D1
LiDis
LI Output Enable/Disable. Set the LiDis bit to 1 to disable the LI output.
The LI output is low when LiDis is 1.
D0
DiLoad
DI Current Sink Enable. Set the DiLoad bit to 1 to enable the internal
current sink at the DI input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com