Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14821 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14821 Datasheet HTML 1Page - Maxim Integrated Products MAX14821 Datasheet HTML 2Page - Maxim Integrated Products MAX14821 Datasheet HTML 3Page - Maxim Integrated Products MAX14821 Datasheet HTML 4Page - Maxim Integrated Products MAX14821 Datasheet HTML 5Page - Maxim Integrated Products MAX14821 Datasheet HTML 6Page - Maxim Integrated Products MAX14821 Datasheet HTML 7Page - Maxim Integrated Products MAX14821 Datasheet HTML 8Page - Maxim Integrated Products MAX14821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
����������������������������������������������������������������� Maxim Integrated Products 3
MAX14821
IO-Link Device Transceiver
(All voltages referenced to GND, unless otherwise noted.)
VCC.........................................................................-40V to +40V
VP (IVP < 50mA) ..... the higher of -0.3V and (VCC - 1V) to +40V
LDOIN....................................................................-0.3V to +40V
V5..................... -0.3V to the lesser of (VLDOIN + 0.3V) and +6V
LDO33 ..................... -0.3V to the lesser of (V5 + 0.3V) and +6V
VL.............................................................................-0.3V to +6V
DI ...........................................................................-40V to +40V
C/Q, DO...................... MIN: the higher of -40V and (VCC - 40V)
MAX: the lesser of +40V and (VCC + 40V)
Logic Inputs
TXC, TXQ, TXEN, LO, CS, SDI, SCLK..... -0.3V to (VL + 0.3V)
Logic Outputs
RX, WU, LI, SDO, IRQ ............................. -0.3V to (VL + 0.3V)
UV........................................................................-0.3V to +6V
Continuous Current Into Any Logic Pin........................... Q50mA
Continuous Power Dissipation
TQFN (derate 27.8mW/NC above +70NC)..................2222mW
WLP (derate 22.7mW/NC above +70NC)....................1816mW
Operating Temperature Range.......................... -40NC to +85NC
Maximum Junction Temperature.....................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (TQFN only; soldering, 10s) .............+300NC
Soldering Temperature (reflow) ......................................+260NC
TQFN
Junction-to-Ambient Thermal Resistance (BJA) ..........36NC/W
Junction-to-Case Thermal Resistance (BJC) .................3NC/W
WLP
Junction-to-Ambient Thermal Resistance (BJA) ..........44NC/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
DC ELECTRICAL CHARACTERISTICS
(VCC = 18V to 36V, VL = 2.3V to 5.5V, VGND = 0V; all logic inputs at VL or GND; TA = -40NC to +85NC, unless otherwise noted. Typical
values are at VCC = 24V, VL = 3.3V, and TA = +25NC, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply Voltage
VCC
For driver operation
9
36
V
VCC Supply Current
ICC
VCC = 24V, C/Q as input, no load on V5
or LDO33, LDOIN not connected to VP,
VLDOIN = 24V
1
2.5
mA
VCC Undervoltage-Lockout
Threshold
VCCUVLO
VCC falling
6
7.4
9
V
VCC Undervoltage-Lockout
Threshold Hysteresis
VCCUVLO_HYST
200
mV
V5 Supply Current
I5_IN
LDOIN shorted to V5, external 5V applied
to V5, no switching, LDO33 disabled
3
mA
V5 Undervoltage-Lockout
Threshold
V5UVLO
V5 falling
2.0
V
VL Logic-Level Supply Voltage
VL
2.3
5.5
V
VL Logic-Level Supply Current
IL
All logic inputs at VL or GND
5
F
A
VL Undervoltage Threshold
VLUVLO
VL falling
0.65
0.95
1.30
V
5V LDO (V5)
LDOIN Input Voltage Range
VLDOIN
7
36
V
LDOIN Supply Current
ILDOIN
VLDOIN = 24V, C/Q is configured as an
input, no load on V5 or LDO33
2.5
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com