Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14821 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 11Page - Maxim Integrated Products MAX14821 Datasheet HTML 12Page - Maxim Integrated Products MAX14821 Datasheet HTML 13Page - Maxim Integrated Products MAX14821 Datasheet HTML 14Page - Maxim Integrated Products MAX14821 Datasheet HTML 15Page - Maxim Integrated Products MAX14821 Datasheet HTML 16Page - Maxim Integrated Products MAX14821 Datasheet HTML 17Page - Maxim Integrated Products MAX14821 Datasheet HTML 18Page - Maxim Integrated Products MAX14821 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products 15
MAX14821
IO-Link Device Transceiver
Pin/Bump Descriptions (continued)
PIN
NAME
FUNCTION
TQFN-EP
WLP
11
D5
TXQ
Transmit Level Input. The logic on the C/Q output is the inverse logic level of the signals on
the TXC and TXQ inputs. TXQ is ANDed with TXC. Drive TXQ high if not in use.
12
D4
TXC
Transmit Communication Input. The logic on the C/Q output is the inverse logic level of the
signals on the TXC and TXQ inputs. TXC is ANDed with TXQ. Drive TXC high if not in use.
13
E5
TXEN
Transmitter Enable. Drive TXEN high to enable the C/Q transmitter. TXEN is referenced to VL.
14
E4
RX
Receiver Output. RX is the inverse logic level of C/Q. RX is always high when the RxDis bit in
the CQConfig register is set to 1.
15
D3
WU
Active-Low Wake-Up Output. WU is a push-pull output referenced to VL. WU pulses low for
190Fs (typ) when a valid wake-up pulse is detected on the C/Q line.
16
E3
LO
Logic Input of the DO Output. LO is the logic input that drives DO. LO is referenced to VL.
17
E2
LI
Logic Output of the 24V DI Logic Input. LI is the inverse logic of DI. LI is referenced to VL.
18
D2
UV
Open-Drain Undervoltage Indicator Output. In case of an undervoltage, the UV open-drain
transistor is off.
19
E1
DI
24V Logic-Level Digital Input
20
C1, C2
GND
Ground
21
B1
C/Q
SIO/IO-Link Data Input/Output. Drive TXEN high to enable the C/Q driver. The logic on the
C/Q output is the inverse logic level of the signals on the TXC and TXQ inputs. RX is the logic
inverse of C/Q. The C/Q driver output level can be set by the TXC/TXQ inputs or programmed
by the Q bit. The level on C/Q can be read by the RX ouput or the QLvl bit.
22
D1
DO
24V Logic-Level Digital Output. DO is the inverse logic level of the LO input and can be digi-
tally controlled through the DIOConfig register.
23
A1
VCC
Power-Supply Input. Bypass VCC to GND with a 1FF ceramic capacitor.
24
B2
VP
Protected 24V Supply Output. VP is one diode drop below VCC. VP is reverse-polarity protect-
ed and can be used as a 24V protected supply to the sensor or actuator electronics.
—
—
EP
Exposed Pad (TQFN Only). Connect EP to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com