Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14821 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 10Page - Maxim Integrated Products MAX14821 Datasheet HTML 11Page - Maxim Integrated Products MAX14821 Datasheet HTML 12Page - Maxim Integrated Products MAX14821 Datasheet HTML 13Page - Maxim Integrated Products MAX14821 Datasheet HTML 14Page - Maxim Integrated Products MAX14821 Datasheet HTML 15Page - Maxim Integrated Products MAX14821 Datasheet HTML 16Page - Maxim Integrated Products MAX14821 Datasheet HTML 17Page - Maxim Integrated Products MAX14821 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products 14
MAX14821
IO-Link Device Transceiver
Pin/Bump Configurations
Pin/Bump Descriptions
PIN
NAME
FUNCTION
TQFN-EP
WLP
1
A2
LDOIN
5V Linear Regulator Input. Bypass LDOIN to GND with a 0.1FF ceramic capacitor.
2
A3
V5
5V Power-Supply Input and 5V Linear Regulator Output. Bypass V5 to GND with a 0.1FF
ceramic capacitor for 10mA load capability. Add the recommended compensation network
to increase the source capability to 30mA. See the 5V and 3.3V Linear Regulators section for
more information.
3
A4
LDO33
3.3V Linear Regulator Output. Bypass LDO33 to GND with a 1FF ceramic capacitor.
4
B3
IRQ
Active-Low Interrupt Request Output. IRQ is a push-pull output referenced to VL.
5
A5
SCLK
SPI Clock Input
6
B4
CS
Active-Low SPI Chip-Select Input
7
B5
SDO
SPI Serial-Data Output
8
C4
SDI
SPI Serial-Data Input
9
C5
VL
Logic-Level Supply Input. VL defines the logic levels on all the logic inputs and outputs.
Bypass VL to GND with a 0.1FF ceramic capacitor.
10
C3
I.C.
Internally Connected. Connect to VL or leave unconnected.
23
24
22
21
8
7
9
10
12
DO
45
6
17
18
16
14
13
VCC
VP
I.C.
VL
SDI
SDO
*EP
*CONNECT EXPOSED PAD TO GND.
3
15
C/Q
20
11 TXQ
GND
19
12 TXC
DI
TQFN
TOP VIEW
+
MAX14821
MAX14821
TOP VIEW
(BUMP SIDE DOWN)
A
B
C
D
WLP
E
1234
VCC
LDOIN
V5
LDO33
SCLK
C/Q
VP
IRQ
SDO
GND
GND
I.C.
SDI
VL
DO
UV
TXC
TXQ
DI
LI
LO
RX
TXEN
5
+
CS
WU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com