Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14821 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14821 Datasheet HTML 1Page - Maxim Integrated Products MAX14821 Datasheet HTML 2Page - Maxim Integrated Products MAX14821 Datasheet HTML 3Page - Maxim Integrated Products MAX14821 Datasheet HTML 4Page - Maxim Integrated Products MAX14821 Datasheet HTML 5Page - Maxim Integrated Products MAX14821 Datasheet HTML 6Page - Maxim Integrated Products MAX14821 Datasheet HTML 7Page - Maxim Integrated Products MAX14821 Datasheet HTML 8Page - Maxim Integrated Products MAX14821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX14821
IO-Link Device Transceiver
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 18V to 36V, VL = 2.3V to 5.5V, VGND = 0V; all logic inputs at VL or GND; TA = -40NC to +85NC, unless otherwise noted. Typical
values are at VCC = 24V, VL = 3.3V, and TA = +25NC, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
V5 Output Voltage Range
V5
No load on V5, 7V P VLDOIN P 36V
4.75
5.00
5.25
V
V5 Load Regulation
1mA < ILOAD < 10mA, VLDOIN = 7V,
0.1FF bypass capacitor on V5
0.8
%
1mA < ILOAD < 30mA, VLDOIN = 7V,
0.1FF bypass capacitor on V5, 10W–1FF
compensation network added to V5
0.8
3.3V LDO (LDO33)
LDO33 Output Voltage
VLDO33
No load on LDO33
3.1
3.3
3.5
V
LDO33 Undervoltage-Lockout
Threshold
VLDO33UVLO VLDO33 falling
2.4
V
LDO33 Load Regulation
1mA < ILOAD < 20mA, VLDOIN = 7V
0.25
%
24V INTERFACE
C/Q Driver Output-Voltage High
VOH_C/Q
C/Q high-side enabled, IC/Q = -100mA,
9V P VCC P 36V
VCC -
1.3
VCC –
1.3
V
C/Q Driver Output-Voltage Low
VOL_C/Q
C/Q low-side enabled, IC/Q = +100mA,
9V P VCC P 36V
1.4
3
V
C/Q Driver Source Current Limit
IOH_C/Q
C/Q high-side enabled, VC/Q < (VCC -
3V), 9V P VCC P 36V
+100
+140
+190
mA
C/Q Driver Sink Current Limit
IOL_C/Q
C/Q low-side enabled, VC/Q > 3V,
9V P VCC P 36V
-190
-140
-100
mA
DO Driver Output-Voltage High
VOH_DO
DO high-side enabled, IDO = +100mA,
9V P VCC P 36V
VCC
- 3
VCC -
1.6
V
DO Driver Output-Voltage Low
VOL_DO
DO low-side enabled, IDO = -100mA,
9V P VCC P 36V
1.6
3
V
DO Driver Source Current Limit
IOH_DO
DO high-side enabled, VDO < (VCC - 3V)
+100
+135
+190
mA
DO Driver Sink Current Limit
IOL_DO
DO high-side enabled, VDO > 3V
-190
-135
-100
mA
C/Q, DI Input Voltage Range
VIN
For valid RX, LI
-1.0
VCC +
1.0
V
C/Q Input Threshold High
VIH_C/Q
C/Q driver disabled
10.5
13.0
V
C/Q Input Threshold Low
VIL_C/Q
C/Q driver disabled
8.0
11.5
V
C/Q Input Hysteresis
VHYS_C/Q
C/Q driver disabled
1.0
V
DI Input Threshold High
VIH_DI
6.8
8
V
DI Input Threshold Low
VIL_DI
5.2
6.4
V
DI Input Hysteresis
VHYS_DI
1
V
C/Q Weak Pulldown Current
IPDC/Q
C/Q driver disabled, VC/Q = (VCC - 1V)
100
400
F
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com