Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14821 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 21Page - Maxim Integrated Products MAX14821 Datasheet HTML 22Page - Maxim Integrated Products MAX14821 Datasheet HTML 23Page - Maxim Integrated Products MAX14821 Datasheet HTML 24Page - Maxim Integrated Products MAX14821 Datasheet HTML 25Page - Maxim Integrated Products MAX14821 Datasheet HTML 26Page - Maxim Integrated Products MAX14821 Datasheet HTML 27Page - Maxim Integrated Products MAX14821 Datasheet HTML 28Page - Maxim Integrated Products MAX14821 Datasheet HTML 29Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products 27
MAX14821
IO-Link Device Transceiver
Applications Information
UART Interfacing
The logic levels of the microcontroller interface I/Os
(TXC, TXQ, TXEN, and RX) are defined by VL.
The device can be interfaced to microcontrollers where
the on-board UART TX output cannot be programmed as
a logic output (GPO). In this case, connect the TX output
of the UART to the TXC input for IO-Link communication
and connect a separate GPO output on the microcon-
troller to TXQ for standard IO (SIO) mode operation
(Figure 12). As the TXQ and TXC inputs are internally
logically ANDed, the unused input (TXC or TXQ) must be
held high while the other is in operation.
Transient Protection
Inductive load switching, surges, and bursts create high
transient voltages. C/Q, DO, and DI should be protected
against high overvoltage and undervoltage transients.
Positive voltage transients on C/Q, DO, and DI must be
limited to +55V relative to GND and negative voltage
transients must be limited to -55V (relative to VCC) on DO
and C/Q and to -55V (relative to GND) on DI. Figure 12
shows suitable protection using TVS diodes to meet both
the IEC 61000-4-2 ESD and IEC 61000-4-5 surge testing.
Other protection schemes may also be suitable.
To protect against large transients at VCC, insert a
lowpass filter on VCC (see Figure 13 and the Typical
Operating Circuit).
External Power
The device is powered by VCC and the 5V regulator, V5.
VL is a reference voltage input to set the logic levels of
the microcontroller interface. The logic and SPI interface
are operational when V5 and VL are present even if VCC
is not present.
The VP output provides a reverse-polarity-protected volt-
age one diode drop below VCC and can be used for sup-
plying external circuitry, like power supplies.
Connect LDOIN to V5 to power the V5 input with an
external supply (Figure 14). This configuration disables
operation of the internal 5V regulator and reduces power
consumption.
Figure 12. UART Interface
Figure 13. MAX14821 Operating Circuit with TVS Protection
TXQ
GPO
TXC
TX
TXEN
RTS
RX
RX
MAX14821
MAX14821
0.8Ω
1F
1F
VCC
LDOIN
DO
1/2
SDC36C
1/2
SDC36C
GND
C/Q
1/2
SDC36C
SDC36C
DI
VP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com