Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14821 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 2Page - Maxim Integrated Products MAX14821 Datasheet HTML 3Page - Maxim Integrated Products MAX14821 Datasheet HTML 4Page - Maxim Integrated Products MAX14821 Datasheet HTML 5Page - Maxim Integrated Products MAX14821 Datasheet HTML 6Page - Maxim Integrated Products MAX14821 Datasheet HTML 7Page - Maxim Integrated Products MAX14821 Datasheet HTML 8Page - Maxim Integrated Products MAX14821 Datasheet HTML 9Page - Maxim Integrated Products MAX14821 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
����������������������������������������������������������������� Maxim Integrated Products 6
MAX14821
IO-Link Device Transceiver
AC ELECTRICAL CHARACTERISTICS
(VCC = 18V to 36V, VL = 2.3V to 5.5V, VGND = 0V; all logic inputs at VL or GND; TA = -40NC to +85NC, unless otherwise noted. Typical
values are at VCC = 24V, VL = 3.3V, and TA = +25NC, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
C/Q, DO, DI INTERFACES
Data Rate
DR
HiSlew = 1
4.8
230.4
kbps
HiSlew = 0
4.8
38.4
DRIVER (C/Q, DO)
Driver Low-to-High Propagation
Delay
tPDLH
Push-pull or high-side (PNP)
configuration, Figure 1
HiSlew = 1
0.5
2
F
s
HiSlew = 0
1.6
5
Driver High-to-Low Propagation
Delay
tPDHL
Push-pull or low-side (NPN)
configuration, Figure 1
HiSlew = 1
0.5
2
F
s
HiSlew = 0
1.6
5
Driver Skew
tSKEW
|tPDLH - tPDHL|
0.1
2
F
s
Driver Rise Time
tRISE
Push-pull or high-side (PNP)
configuration, Figure 1
HiSlew = 1
0.4
1.7
F
s
HiSlew = 0
1.5
4
Driver Fall Time
tFALL
Push-pull or low-side (NPN)
configuration, Figure 1
HiSlew = 1
0.4
1.7
F
s
HiSlew = 0
1.4
4
Driver Enable Time High
tENH
Push-pull or high-side (PNP)
configuration, Figure 3
HiSlew = 1
0.3
1
F
s
HiSlew = 0
0.8
7
Driver Enable Time Low
tENL
Push-pull or low-side (NPN)
configuration, Figure 2
HiSlew = 1
0.3
1
F
s
HiSlew = 0
0.9
7
Driver Disable Time High
tDISH
Push-pull or high-side (PNP)
configuration, Figure 2
(Note 4)
HiSlew = 1
1.6
3
F
s
HiSlew = 0
1.6
3
Driver Disable Time Low
tDISL
Push-pull or low-side (NPN)
configuration, Figure 3
(Note 4)
HiSlew = 1
0.1
3
F
s
HiSlew = 0
0.1
3
RECEIVER (C/Q, DI) (Figure 4)
Receiver Low-to-High
Propagation Delay
tPRLH
RxFilter = 1
0.2
2
F
s
RxFilter = 0
0.4
2
Receiver High-to-Low
Propagation Delay
tPRHL
RxFilter = 1
0.3
2
F
s
RxFilter = 0
0.5
2
WAKE-UP DETECTION (Figure 5)
Wake-Up Input Minimum Pulse
Width
tWUMIN
30
40
50
F
s
Wake-Up Input Maximum Pulse
Width
tWUMAX
120
140
160
F
s
WU Output Low Time
tWUL
Valid wake-up condition on C/Q
120
190
260
F
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com