Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14821 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14821
Description  IO-Link Device Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14821 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14821 Datasheet HTML 17Page - Maxim Integrated Products MAX14821 Datasheet HTML 18Page - Maxim Integrated Products MAX14821 Datasheet HTML 19Page - Maxim Integrated Products MAX14821 Datasheet HTML 20Page - Maxim Integrated Products MAX14821 Datasheet HTML 21Page - Maxim Integrated Products MAX14821 Datasheet HTML 22Page - Maxim Integrated Products MAX14821 Datasheet HTML 23Page - Maxim Integrated Products MAX14821 Datasheet HTML 24Page - Maxim Integrated Products MAX14821 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
���������������������������������������������������������������� Maxim Integrated Products 21
MAX14821
IO-Link Device Transceiver
CQConfig Register [R1, R0] = [0,1]
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Bit Name
RxFilter
HiSlew
C/Q_N/P
C/Q_PP
C/QDEn
Q
RxDis
C/QLoad
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR State
0
0
0
0
0
0
0
0
Use the CQConfig register to control the C/Q receiver and driver parameters. All bits in the CQConfig register are
read-write and are set to 0 at power-up.
BIT
NAME
DESCRIPTION
D7
RxFilter
C/Q and DI Receiver Filter Control. The C/Q and DI receivers have analog
lowpass filters to reduce high-frequency noise on the receiver inputs. Set the
RxFilter bit to 0 to set the filter corner frequency to 500kHz. Set the RxFilter
bit to 1 to set the filter corner frequency to 1MHz (this setting is used for high-
speed COM3 operation).
Noise filters on C/Q and DI are controlled simultaneously by the RxFilter bit.
D6
HiSlew
Slew-Rate Control. The HiSlew bit increases the slew rate for the C/Q and
DO drivers and is used for high-speed COM3 (230kbps) data rates. Set
HiSlew to 0 for COM1 and COM2 operation.
D5
C/Q_N/P
C/Q Driver NPN/PNP Mode. The C/Q_N/P bit selects between low-side (NPN)
and high-side (PNP) modes when the C/Q driver is configured as an open-
drain output (C/Q_PP = 0). Set C/Q_N/P to 1 to configure the driver for low-side
(NPN) operation. Set C/Q_N/P to 0 for high-side (PNP) operation.
D4
C/Q_PP
C/Q Driver Push-Pull Operation. Set C/Q_PP to 1 to enable push-pull
operation on the C/Q driver. The C/Q output is open-drain when C/Q_PP is 0.
D3
C/QDEn
C/Q Driver Enable/Disable. Set the C/QDEn bit to 1 to enable the C/Q driver.
Set C/QDEn to 0 for hardware (TXEN) control. See Table 4.
D2
Q
C/Q Driver Output Logic. The Q bit can be used to program the C/Q output
driver through software. The C/Q driver must be enabled and TXC = TXQ must
be high to control the C/Q driver through the Q bit (Figure 8). C/Q has the
same logic polarity as the Q bit.
Set the Q bit to 0 to control the C/Q driver with TXC and TXQ.
The C/Q driver output state depends on the C/Q_PP and C/Q_N/P bits as
shown in Table 5. Note that Table 5 assumes that the C/Q driver is enabled
(TXEN = VL or C/QDEn = 1).
D1
RxDis
C/Q Receiver Enable/Disable. Set the RxDis bit to 1 to disable the C/Q
receiver. The RX output is high when RxDis is 1.
D0
C/QLoad
C/Q Current Sink Enable. Set the C/QLoad bit to 1 to enable the internal
current sink at C/Q.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com