Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC993LP5E Datasheet(PDF) 12 Page - Hittite Microwave Corporation

Part # HMC993LP5E
Description  RF AUTOMATIC GAIN CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC993LP5E Datasheet(HTML) 12 Page - Hittite Microwave Corporation

Back Button HMC993LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 12Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 13Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 14Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 15Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 16Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC993LP5E
v00.0911
RF AUTOMATIC GAIN CONTROLLER
(RF-AGC), 700 - 3000 MHz
2800MHz TUNE
Gain vs. VCTRL [1]
Gain vs. Frequency [1]
Input Return Loss vs. VCTRL [1]
[1] ATTN1 + AMP1 + AMP2
-10
-5
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40C
+25C
+85C
VCTRL (V)
-40
-30
-20
-10
0
10
20
30
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
VCTRL=0V
VCTRL=1V
VCTRL=1.5V
VCTRL=2V
VCTRL=2.5V
VCTRL=3V
VCTRL=3.5V
VCTRL=4V
VCTRL=5V
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40C
+25C
+85C
VCTRL (V)
Output Return Loss vs. VCTRL [1]
Output IP3 vs. VCTRL [1]
Output IP3 vs. Frequency [1]
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40C
+25C
+85C
VCTRL (V)
30
35
40
45
50
55
60
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40C
+25C
+85C
VCTRL (V)
20
25
30
35
40
45
50
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
VCTRL=0V
VCTRL=1V
VCTRL=2V
VCTRL=3V
VCTRL=4V
VCTRL=5V
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com