Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC993LP5E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC993LP5E
Description  RF AUTOMATIC GAIN CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC993LP5E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC993LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC993LP5E
v00.0911
RF AUTOMATIC GAIN CONTROLLER
(RF-AGC), 700 - 3000 MHz
Parameter
Frequency
Min.
Typ.
Max.
Units
Input Return Loss
(min. Attenuation)
1 Attenuator Operation
0.9 GHz
1.9 GHz
2.4 GHz
2.8 GHz
15
13
13
13
dB
2 Attenuator Operation
0.9 GHz
1.9 GHz
2.4 GHz
15
15
13
dB
Output Return Loss
(min. Attenuation)
1 Attenuator Operation
0.9 GHz
1.9 GHz
2.4 GHz
2.8 GHz
17
23
17
18
dB
2 Attenuator Operation
0.9 GHz
1.9 GHz
2.4 GHz
16
28
18
dB
Output Third Order Intercept Point
(Two-Tone Output Power= 0 dBm Each Tone) (min. Attenuation)
0.9 GHz
1.9 GHz
2.4 GHz
2.8 GHz
46
45
45
40
dBm
dBm
Output Power for 1dB Compression (min. Attenuation)
0.9 GHz
1.9 GHz
2.4 GHz
2.8 GHz
25
25
24.8
24
dBm
dBm
Noise Figure (min. Attenuation)
0.9 GHz
1.9 GHz
2.4 GHz
2.8 GHz
7.6
9.5
10.7
11.8
dB
Supply Current (Idd)
260
mA
Power Detector
Typ.
Typ.
Typ.
Typ
Units
Input Frequency
900
1900
2400
2800
MHz
±3 dB Dynamic Range
61
61
61
62
dB
DETOUT Slope
15.5
15.4
15.4
15.5
mV/dB
DETOUT Intercept
-68.2
-69.9
-70
-71.3
dBm
Veriation of DETOUT with
Temperature from -40°C to +85°C @20dBm Input
-1.3
-1.2
-1.2
-1.2
dB
[1] Unless otherwise noted, test conditions: ATTN1 + ATTN2 + AMP1 + AMP2 in cascade.
Electrical Specifications (continued),
T
A = +25° C, 50 Ohm System, VDD = DETVDD = +5V
[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com