Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC993LP5E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC993LP5E
Description  RF AUTOMATIC GAIN CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC993LP5E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC993LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC993LP5E
v00.0911
RF AUTOMATIC GAIN CONTROLLER
(RF-AGC), 700 - 3000 MHz
Functional Diagram
Electrical Specifications,
T
A = +25° C, 50 Ohm System, VDD = DETVDD = +5V
[1]
The HMC993LP5E is ideal for:
• Cellular/3G Infrastructure
• WiBro / WiMAX / 4G
• Microwave Radio & VSAT
• Test Equipment and Sensors
• IF & RF Applications
Wide Gain Control Range: -11 to +32 dB
High Output IP3: +46 dBm
Positive Analog Control: 0V to +5V
Configurable with 1 or 2 Attenuators
32 Lead 5x5 mm SMT Package: 25 mm2
The HMC993LP5E is an RF analog controlled variable
gain amplifier composed of two identical voltage
variable attenuators in combination with an InGaP
HBT gain block MMIC amplifier which operates from
0.7 to 3.0 GHz, and can be controlled to provide
anywhere from -11 dB attenuation, to 32 dB of gain.
The HMC993LP5E delivers noise figure of 8 dB in
its maximum gain state, with output IP3 of up to
+46 dBm. The HMC993LP5E is housed in a RoHS
compliant 5x5 mm QFN leadless package.
AUTOMATIC
GAIN
CONTROL
-
SMT
Parameter
Frequency
Min.
Typ.
Max.
Units
Gain (min. Attenuation)
1 Attenuator Operation
0.9 GHz
1.9 GHz
2.4 GHz
2.8 GHz
36
26
23
20
dB
dB
dB
dB
2 Attenuator Operation
0.9 GHz
1.9 GHz
2.4 GHz
32
21
17
dB
dB
dB
Gain Control Range
1 Attenuator Operation
0.9 GHz
1.9 GHz
2.4 GHz
2.8 GHz
21
22
23
24
dB
2 Attenuator Operation
0.9 GHz
1.9 GHz
2.4 GHz
43
33
28
dB
Typical Applications
Features
General Description


Similar Part No. - HMC993LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC993LP5E HITTITE-HMC993LP5E Datasheet
3Mb / 27P
RF AUTOMATIC GAIN CONTROLLER (RF-AGC), 700 - 3000 MHz
More results

Similar Description - HMC993LP5E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8507C SAMSUNG-S1T8507C Datasheet
93Kb / 6P
Automatic gain control system
logo
Hittite Microwave Corpo...
HMC992LP5E HITTITE-HMC992LP5E Datasheet
1Mb / 22P
IF AUTOMATIC GAIN CONTROLLER (IF-AGC), 50 - 800 MHz
HMC993LP5E HITTITE-HMC993LP5E Datasheet
3Mb / 27P
RF AUTOMATIC GAIN CONTROLLER (RF-AGC), 700 - 3000 MHz
logo
API Technologies Corp
BXMF1042 APITECH-BXMF1042 Datasheet
571Kb / 2P
Automatic Gain Controlled Amplifier
BXMF1041 APITECH-BXMF1041 Datasheet
507Kb / 1P
Automatic Gain Controlled Amplifier
BXMF1040 APITECH-BXMF1040 Datasheet
506Kb / 1P
Automatic Gain Controlled Amplifier
BXMF1038 APITECH-BXMF1038 Datasheet
501Kb / 1P
Automatic Gain Controlled Amplifier
BXMF1037 APITECH-BXMF1037 Datasheet
503Kb / 1P
Automatic Gain Controlled Amplifier
logo
Analog Devices
HMC992LP5E AD-HMC992LP5E Datasheet
1Mb / 22P
IF AUTOMATIC GAIN CONTROLLER
logo
Silicon Laboratories
SI4732-A10 SILABS-SI4732-A10 Datasheet
1Mb / 3P
Automatic gain control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com