Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC993LP5E Datasheet(PDF) 25 Page - Hittite Microwave Corporation

Part # HMC993LP5E
Description  RF AUTOMATIC GAIN CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC993LP5E Datasheet(HTML) 25 Page - Hittite Microwave Corporation

Back Button HMC993LP5E Datasheet HTML 19Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 20Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 21Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 22Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 23Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 24Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 25Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 26Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 27Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
25
HMC993LP5E
v00.0911
RF AUTOMATIC GAIN CONTROLLER
(RF-AGC), 700 - 3000 MHz
Figure 5: The HMC993LP5E’s AGC configuration with 2 attenuators, 1900 MHz tune.
In closed loop operation the HMC993LP5E is able to automatically adjust the RF gain over a gain adjustment range of
up to 33.6 dB at 1900 MHz. The HMC993LP5E’s output dynamic range is a function of both input power level and the
coupler ratio used to close the AGC loop. The combined effect of the input power and coupler ratio on the output power
dynamic range is presented in Figures 6a and 6b.
For high input power levels, the maximum level of output dynamic range is limited by the Psat of the VGA or the high-
est detectable power level by the log detector. To eliminate any limitations that can arise due to highest detectable log
Figure 6a: Output Power vs. VSET over Input Power,
2 attenuators @ 1900 MHz.
Figure 6b: Output Power vs. VSET over coupler
ratio, 2 attenuators @ 1900 MHz.
-50
-40
-30
-20
-10
0
10
20
30
0.2
0.4
0.6
0.8
1
1.2
Coupler= -13 dBm
Coupler= -20dBm
Coupler= -30 dBm
Ideal= -13 dBm
Ideal= -20 dBm
Ideal= -30 dBm
-4
-3
-2
-1
0
1
2
3
4
Error@Pin= -13 dBm
Error@Pin= -20 dBm
Error@Pin= -30 dBm
VSET (V)
Pin=-10dBm
-50
-40
-30
-20
-10
0
10
20
30
0.2
0.4
0.6
0.8
1
1.2
Input Power = -20 dBm
Input Power = -10 dBm
Input Power = 0 dBm
Ideal
-4
-3
-2
-1
0
1
2
3
4
Error@Pin = -20 dBm
Error@Pin = -10 dBm
Error@Pin = 0 dBm
VSET (V)
20 dB coupler is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com