Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC993LP5E Datasheet(PDF) 27 Page - Hittite Microwave Corporation

Part # HMC993LP5E
Description  RF AUTOMATIC GAIN CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC993LP5E Datasheet(HTML) 27 Page - Hittite Microwave Corporation

Back Button HMC993LP5E Datasheet HTML 19Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 20Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 21Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 22Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 23Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 24Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 25Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 26Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 27Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
27
HMC993LP5E
v00.0911
RF AUTOMATIC GAIN CONTROLLER
(RF-AGC), 700 - 3000 MHz
Figure 8: DETOUT vs. input power over frequency.
0
0.3
0.6
0.9
1.2
1.5
-70
-60
-50
-40
-30
-20
-10
0
10
900 MHz
1900 MHz
2400 MHz
2800 MHz
INPUT POWER (dBm)
range of the log detector should be chosen. The gain adjustment range of the HMC993L5E is maximized in this con-
figuration.
If the linear operation range of the HMC993LP5E is maximized by selecting the appropriate coupler ratio, the
HMC993LP5E can handle larger changes in input level. For example, an input voltage of 0.5 V is applied to the Vset
pin to set the constant output power level to -18.7 dBm. A coupler ratio of ~7 dB can be chosen to provide a maximum
dynamic range of 33.6 dB.
1
1.5
2
2.5
3
3.5
4
0
100
200
300
400
500
600
700
800
900 1000
TIME (ms)
Pin = -10 dBm
Figure 9: HMC993LP5E’s gain control voltage when
VSET is toggled between 0.3V - 0.7V and input level
is kept constant in closed loop.
Loop Bandwidth and Response Time
The AGC system has a response time to undesired input level fluctuations. Response time and the stability of the
HMC993LP5E’s AGC loop is determined by C4 and C7 in the application schematic. The HMC993LP5E’s response to
voltage changes in VSET with C4=C7=1μF when the input level is kept constant is shown in Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com