Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC993LP5E Datasheet(PDF) 26 Page - Hittite Microwave Corporation

Part # HMC993LP5E
Description  RF AUTOMATIC GAIN CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC993LP5E Datasheet(HTML) 26 Page - Hittite Microwave Corporation

Back Button HMC993LP5E Datasheet HTML 19Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 20Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 21Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 22Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 23Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 24Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 25Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 26Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 27Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
26
HMC993LP5E
v00.0911
RF AUTOMATIC GAIN CONTROLLER
(RF-AGC), 700 - 3000 MHz
detector, a high enough coupler ratio should be chosen to translate the maximum VGA output power level to a value
lower than the highest detectable log detector power level.
Similarly, the lower side of the dynamic range is limited by the noise floor of the VGA or the lowest power level detect-
able by the log detector. To eliminate any limitations on the lower side of the dynamic range, the coupler ratio should be
low enough to translate the minimum VGA output power level to a value higher than the lowest detectable log detector
power level.
Please also refer to the Log Detector section for more information.
Figure 7a shows the output power vs. input power transfer characteristic of the HMC993LP5E over different VSET
voltages for a closed AGC loop configuration. For low and high input power levels the HMC993LP5E attenuation rage
is saturated and the output is a linear function of the input. For input power levels within the dynamic range, the
HMC993LP5E automatically adjusts the attenuation level as shown in Figure 7b to maintain a constant output power
level. When Vset=0.5 V, the output power level is set to -18.7 dBm and the HMC993LP5E’s AGC amplifier provides a
gain control range of 33.6 dB from -40.2 dBm to -6.6 dBm with an excellent ripple within 0.7 dB.
Figure 7a: Output Power vs. input power over VSET,
2 attenuators @ 1900 MHz.
Figure 7b: DETOUT vs. input power over VSET, 2
attenuators @ 1900 MHz..
-40
-30
-20
-10
0
-60
-50
-40
-30
-20
-10
0
10
VSET=0.3V
VSET=0.5V
VSET=0.7V
INPUT POWER (dBm)
20 dB coupler is used
0
1
2
3
4
5
-60
-50
-40
-30
-20
-10
0
10
Vset = 0.3V
Vset = 0.5V
Vset = 0.7V
INPUT POWER (dBm)
20 dB coupler is used
Log Detector
The logarithmic detector of the HMC993LP5E converts the average envelope of RF input power to a proportional DC
voltage at its output (DETOUT), as shown in Figure 8. In detection mode, the DETOUT pin should be connected to
the VSET input. The HMC993LP5E’s logarithmic detector employs a successive compression technology which deliv-
ers 50 dB of dynamic range (±1dB) with high conversion accuracy over a wide input frequency range. Note that the
link between DETOUT and VCTRL pins must broken and DETOUT must connected to VSET via 1k Ohms resistor for
LOGAMP operation.
The HMC993LP5E’s logarithmic detector can be used in the controller mode where an external voltage is applied to the
VSET pin to create an AGC loop. The linear-in-dB behavior of the HMC993LP5E’s VGA and logarithmic detector creates
a linear AGC system. For linear operation, the signal fluctuations at the input of the log detector should remain within
the dynamic range of the log detector. In closed loop AGC operation, the HMC993LP5E’s response to large input level
changes is not slew-rate limited, and the speed of the transient response can be adjusted through loop filter capacitors
C4 and C7 (see Figure 5).
To achieve maximum gain adjustment range of the HMC993LP5E, the coupler ratio should be chosen based on the
output power desired. A coupler ratio which translates the output power to the center (~-25dBm) of the usable dynamic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com