Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC993LP5E Datasheet(PDF) 23 Page - Hittite Microwave Corporation

Part # HMC993LP5E
Description  RF AUTOMATIC GAIN CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC993LP5E Datasheet(HTML) 23 Page - Hittite Microwave Corporation

Back Button HMC993LP5E Datasheet HTML 19Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 20Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 21Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 22Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 23Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 24Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 25Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 26Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 27Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
23
HMC993LP5E
v00.0911
RF AUTOMATIC GAIN CONTROLLER
(RF-AGC), 700 - 3000 MHz
Figure 2: Pout vs. Pin at 1900 MHz, 1 attenuator
Therefore, increasing the VCTRL pin voltage reduces the gain of the HMC993LP5E’s VGA and increases input power
level required for power saturation. When the input signal is weak, the attenuation level of the variable attenuators
should be reduced. When the input signal is large; the attenuation level of the variable attenuators should be increased
to achieve a constant output level.
The gain control performance of the HMC993LP5E at 1900 MHz is shown in Figures 3. The HMC993LP5E provides
22.2 dB of gain control range with a maximum gain of 26 dB when it is configured in 1 attenuator + 2 amplifiers mode,
and similarly a 33.6 dB of gain control range with a maximum gain of 21.5 dB of gain when it is configured in 2 attenua-
tors + 2 amplifiers mode. The HMC993LP5E’s VGA has a very flat linear-in-dB gain control characteristic with a slope of
-12.97 dB/V for the 2 attenuators configuration and -7.28 dB/V for the 1 attenuator configuration. The log-linearity error
of the HMC993LP5 VGA is typically less than ± 2dB over the entire gain control range.
Noise and Distortion
As with any multistage VGA consisting of voltage variable attenuators and gain blocks, the noise figure (NF) and input
referred distortion (IIP3) characteristics of the HMC993LP5E’s VGA are dependent on the gain control voltage VCTRL.
When the attenuation level of the variable attenuators is set to minimum (maximum gain state), the noise figure of the
HMC993LP5E’s VGA is minimized; however the IIP3 is degraded to minimum as well. The noise figure and IIP3 of the
HMC993LP5E’s VGA increases with the attenuation level of the variable attenuators.
For low attenuation levels, the noise contribution from the VGA is important since the input signal is weak. For high atten-
Figure 3: Gain vs. VCTRL at 1900 MHz
-50
-40
-30
-20
-10
0
10
20
30
-70
-60
-50
-40
-30
-20
-10
0
10
VCTRL=1 V
VCTRL=2 V
VCTRL=3 V
VCTRL=4 V
INPUT POWER (dBm)
-20
-10
0
10
20
30
1
1.5
2
2.5
3
3.5
4
1 Attenuator
2 Attenuators
VCTRL (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com