Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC993LP5E Datasheet(PDF) 15 Page - Hittite Microwave Corporation

Part # HMC993LP5E
Description  RF AUTOMATIC GAIN CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC993LP5E Datasheet(HTML) 15 Page - Hittite Microwave Corporation

Back Button HMC993LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 12Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 13Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 14Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 15Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 16Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 17Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 18Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 19Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
15
HMC993LP5E
v00.0911
RF AUTOMATIC GAIN CONTROLLER
(RF-AGC), 700 - 3000 MHz
Pin Number
Function
Description
Interface Schematic
1, 3, 5, 8, 15, 17,
24, 26, 28, 30
GND
These pins and package bottom must be connected to RF
ground.
2, 29
ATTN2OUT,
ATTN1OUT
These ports are matched to 50 Ohms.
Blocking capacitor is required.
4, 9, 31
VDD
Power supply for the attenuator. External bypass
capacitors are required. See application circuits.
6, 32
ATTN2IN,
ATTN1IN
These ports are matched to 50 Ohms.
Blocking capacitor is required.
7
VCTRL
Attenuation control voltage for the attenuator.
0V for minimum attenuation, 5V for maximum attenuation.
10, 11, 12, 22
N/C
No connection required. These pins may be connected to
RF ground without affecting performance.
13
DETOUT
Logarithmic output that converts the input power to a DC
level in detector mode. Output voltage increases with
increasing amplitude.
14
DETVDD
Power supply for the logarithmic detector. External by pass
capacitors are required. See application circuit.
16
DETIN
Detector RF input pin.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com