Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC993LP5E Datasheet(PDF) 22 Page - Hittite Microwave Corporation

Part # HMC993LP5E
Description  RF AUTOMATIC GAIN CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC993LP5E Datasheet(HTML) 22 Page - Hittite Microwave Corporation

Back Button HMC993LP5E Datasheet HTML 18Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 19Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 20Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 21Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 22Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 23Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 24Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 25Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 26Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
22
HMC993LP5E
v00.0911
RF AUTOMATIC GAIN CONTROLLER
(RF-AGC), 700 - 3000 MHz
Figure 1b: The HMC993LP5E’s VGA configuration with 2 attenuators, 1900 MHz tune.
VGA Operation
The HMC993LP5E’s VGA core can be configured with one or two variable attenuators followed by two fixed gain
amplifiers for different control ranges as shown in Figure 1a and Figure 1b (basic connections are not shown). Note
that the link between VCTRL and DETOUT pins must be broken for correct VGA Operation. The VCTRL pin should be
used to set the attenuation of the HMC993LP5E.
Gain Control Interface VCTRL
The VCTRL pin is the gain control pin common to both of HMC993LP5E’s identical voltage variable attenuators. The
VCTRL gain control voltage ranges between 1V and 4V. A VCTRL control voltage of 1V provides the lowest attenuation,
while 4V provides the highest attenuation.
Figure 2 represents the VGA operation of HMC993LP5E with two attenuators and two amplifiers for different gain control
voltages applied to the VCTRL pin. The output power increases linearly with the input power until the power saturation is
reached when the VCTRL voltage is constant. The useable input power range of such a system is limited by the satura-
tion level of the final stage amplifier. So the input power level required for power saturation and the dynamic range of the
HMC993LP5E’s VGA is defined by the value of the gain control voltage applied to the VCTRL pin. Refer to the Figure 2
for the useable input power range at different VCTRL levels.
When VCTRL=1V, the gain of HMC993LP5E’s VGA with 2 attenuators is 21.5 dB at 1900 MHz. The input power required
for 1 dB compression point at the output is given by: Pin1dB = Pout1dB – Gain (dB) + 1 = 25 – 21.5 + 1 = 4.5 dB.
When VCTRL=2V, the gain of the HMC993LP5E’s VGA with 2 attenuators is 11.7 dB at 1900 MHz. The input power
required for 1 dB compression point at the output is given by: Pin1dB = Pout1dB – Gain (dB) + 1 = 25 – 11.7 + 1 = 14.3
dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com