Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT4363
7
4363fa
TYPICAL PERFORMANCE CHARACTERISTICS
Reverse Current vs Reverse
Voltage
Current Limit at Supply Voltage
(ΔVSNS vs VCC)
Overvoltage Turn-Off Time vs
Temperature
Overcurrent Turn-Off Time vs
Temperature
Specifications are at VCC = 12V, TA = 25°C, unless
otherwise noted.
TEMPERATURE (°C)
–50
0
50
–25
25
100 125
75
350
200
100
300
150
250
50
0
4363 G19
TEMPERATURE (°C)
–50
0
50
–25
25
100 125
75
1.4
0.8
0.4
1.2
0.6
1.0
0.2
0
4363 G20
OUT = 0V
∆VSNS = 150mV
OUT = 3V
∆VSNS = 300mV
VCC (V)
0
–7
–4
–3
–6
–5
–2
–1
0
4363 G21
–80
–70
–60
–50
–20
–40
–10
–30
VCC = SHDN
VCC (V)
0
60
50
40
30
55
45
35
4363 G22
80
70
60
50
20
40
10
30
OUT = 3V
OUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com