Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 16Page - Linear Technology LTC2913 Datasheet HTML 17Page - Linear Technology LTC2913 Datasheet HTML 18Page - Linear Technology LTC2913 Datasheet HTML 19Page - Linear Technology LTC2913 Datasheet HTML 20Page - Linear Technology LTC2913 Datasheet HTML 21Page - Linear Technology LTC2913 Datasheet HTML 22Page - Linear Technology LTC2913 Datasheet HTML 23Page - Linear Technology LTC2913 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT4363
24
4363fa
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2011
LT 0312 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
Overvoltage Regulator with Ideal Diode Reverse Voltage Protection
PART NUMBER
DESCRIPTION
COMMENTS
LTC1696
Overvoltage Protection Controller
ThinSOT™ Package, 2.7V to 28V
LTC2909
Triple/Dual Inputs UV/OV Negative Monitor
Pin Selectable Input Polarity Allows Negative and OV Monitoring
LTC2912/LTC2913
Single/Dual UV/OV Voltage Monitor
Ads UV and OV Trip Values, ±1.5% Threshold Accuracy
LTC2914
Quad UV/OV Monitor
For Positive and Negative Supplies
LTC3827/LTC3827-1 Low IQ, Dual, Synchronous Controller
4V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, 80µA Quiescent Current
LTC3835/LTC3835-1 Low IQ, Synchronous Step-Down Controller
Single Channel LTC3827/LTC3827-1
LT3845
Low IQ, Synchronous Step-Down Controller
4V ≤ VIN ≤ 60V, 1.23V ≤ VOUT ≤ 36V, 120µA Quiescent Current
LT3850
Dual, 550kHz, 2-Phase Sychronous Step-Down
Controller
Dual 180° Phased Controllers, VIN 4V to 24V, 97% Duty Cycle, 4mm × 4mm
QFN-28, SSOP-28 Packages
LTC3890
Low IQ, Dual 2-Phase, Synchronous Step-Down
Controller
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, 50µA Quiescent Current
LT4256
Positive 48V Hot Swap Controller with
Open-Circuit Detect
Foldback Current Limiting, Open-Circuit and Overcurrent Fault Output, Up to 80V
Supply
LTC4260
Positive High Voltage Hot Swap Controller with
8-Bit ADC and I2C
Wide Operating Range 8.5V to 80V
LT4352
Ideal MOSFET ORing Diode
External N-Channel MOSFETs Replace ORing Diodes, 0V to 18V
LTC4354
Negative Voltage Diode-OR Controller
Controls Two N-Channel MOSFETs, 1µs Turn-Off, 80V Operation
LTC4355
Positive Voltage Diode-OR Controller
Controls Two N-Channel MOSFETs, 0.5µs Turn-Off, 80V Operation
LT4356
High Voltage Surge Stopper
100V Overvoltage and Overcurrent Protection, Latch-Off and Auto-Retry Options
LTC4365
Window Passer - OV, UV and Reverse Supply
Protection Controller
2.5V to 34V Operation, Protects 60V to –40V
0.1µF
10m
IRLR2908
OUTPUT
CLAMP
AT 16V
4363 TA06
LT4363
GND TMR
OUT
SNS
FB
47nF
4.99k
57.6k
GATE
VCC
10
–60V TO 75V DC PROTECTION
100V TRANSIENT MAXIMUM
UV = 4.5V
SHDN
UV
DC/DC
CONVERTER
GND
SHDN
VCC
FLT
FAULT
ENOUT
22µF
49.9k
127k
LTC4357
GND
IN
OUT
VDD
GATE
M1
FDB3632
VIN
12V
D1
MMBD1205
DCLAMP
SMAT70A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com