Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 5 Page - Linear Technology

  LTC2913 Datasheet HTML 1Page - Linear Technology LTC2913 Datasheet HTML 2Page - Linear Technology LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT4363
5
4363fa
Specifications are at VCC = 12V, TA = 25°C, unless
otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
SHDN Current vs Temperature
GATE Pull-Up Current vs VCC
GATE Pull-Up Current vs
Temperature
GATE Pull-Down Current vs
Temperature: Overcurrent
GATE Pull-Down Current vs
Temperature: Overvoltage
Gate Drive Voltage vs Gate
Pull-Down Current ΔVGATE vs IGATE
Supply Current vs Supply Voltage
(ICC vs VCC)
Supply Current During Shutdown
vs Temperature
(ICC(SHDN) vs Temperature)
Supply Current During Shutdown
vs Supply Voltage
(ICC(SHDN) vs VCC)
VCC (V)
0
1000
800
600
400
200
0
4363 G01
80
70
60
50
20
40
10
30
VCC (V)
0
6
5
4
3
2
1
0
4363 G03
80
70
60
50
20
40
10
30
OUT = SNS = 0V
TEMPERATURE (°C)
–50
8
7
5
6
4
2
3
1
0
0
50
–25
25
100
4363 G02
125
75
OUT = SNS = 0V
TEMPERATURE (°C)
–50
3.0
2.5
1.5
2.0
0.5
1.0
0
0
50
–25
25
100
4363 G04
125
75
SHDN = 0V
SHDN = 0.4V
VCC (V)
0
40
25
20
35
30
15
10
5
0
4363 G05
80
70
60
50
20
40
10
30
VCC = SNS = OUT = GATE
TEMPERATURE (°C)
–50
0
50
–25
25
100 125
75
40
25
20
35
30
15
10
5
0
4363 G06
VCC = SNS = OUT
TEMPERATURE (°C)
–50
0
50
–25
25
100 125
75
200
125
100
175
150
75
50
25
0
4363 G07
∆VSNS = 150mV
OUT = 0V
GATE = 10V
TEMPERATURE (°C)
–50
0
50
–25
25
100 125
75
200
125
100
175
150
75
50
25
0
4363 G08
SNS = OUT = 5V
GATE = 12V
FB = 1.5V
IGATE (µA)
0
16
14
10
6
2
12
8
4
0
6
4363 G09
10
8
4
2
VCC = SNS = OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com