Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 3 Page - Linear Technology

  LTC2913 Datasheet HTML 1Page - Linear Technology LTC2913 Datasheet HTML 2Page - Linear Technology LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT4363
3
4363fa
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT4363CDE-1#PBF
LT4363CDE-1#TRPBF
43631
12-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
LT4363IDE-1#PBF
LT4363IDE-1#TRPBF
43631
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
LT4363CDE-2#PBF
LT4363CDE-2#TRPBF
43632
12-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
LT4363IDE-2#PBF
LT4363IDE-2#TRPBF
43632
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
LT4363CMS-1#PBF
LT4363CMS-1#TRPBF
43631
12-Lead Plastic MSOP
0°C to 70°C
LT4363IMS-1#PBF
LT4363IMS-1#TRPBF
43631
12-Lead Plastic MSOP
–40°C to 85°C
LT4363CMS-2#PBF
LT4363CMS-2#TRPBF
43632
12-Lead Plastic MSOP
0°C to 70°C
LT4363IMS-2#PBF
LT4363IMS-2#TRPBF
43632
12-Lead Plastic MSOP
–40°C to 85°C
LT4363CS-1#PBF
LT4363CS-1#TRPBF
LT4363S-1
16-Lead Plastic SO
0°C to 70°C
LT4363IS-1#PBF
LT4363IS-1#TRPBF
LT4363S-1
16-Lead Plastic SO
–40°C to 85°C
LT4363CS-2#PBF
LT4363CS-2#TRPBF
LT4363S-2
16-Lead Plastic SO
0°C to 70°C
LT4363IS-2#PBF
LT4363IS-2#TRPBF
LT4363S-2
16-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Operating Voltage Range
LT4363C
LT4363I
l
l
4
4.5
80
80
V
V
ICC
VCC Supply Current
SHDN Open, OUT = SNS = 12V
SHDN = 0V, OUT = SNS = 0V
l
l
0.7
7
1.2
20
40
mA
µA
µA
IR
Reverse Input Current
VCC = –60V, SHDN, UV, OV Open
VCC = SHDN = UV = OV = –60V
l
l
–0.5
–3
–3
–10
mA
mA
ΔVGATE
GATE Drive
ΔVGATE = (GATE – SNS);VCC = OUT
VCC = 4V; IGATE = –0.5µA, 0µA
9V ≤ VCC ≤ 80V; IGATE = –1µA, 0µA
l
l
4.5
10
13
16
V
V
IGATE(UP)
GATE Pull-Up Current
VCC = GATE = OUT = 12V
VCC = GATE = OUT = 48V
l
l
–10
–10
–20
–25
–35
–40
µA
µA
IGATE(DN)
GATE Pull-Down Current
Overvoltage: FB = 1.5V, GATE = 12V, OUT = 5V
Overcurrent:
ΔVSNS = 150mV, VGATE = 10V, OUT = 0V
Shutdown/UV Mode: SHDN = 0V, GATE = 10V
UV = 1V, GATE = 10V
l
l
l
l
75
50
50
200
150
100
1000
1000
mA
mA
µA
µA
VFB
FB Servo Voltage
GATE = 12V; OUT = 8V
l
1.25
1.275
1.3
V
IFB
FB Input Current
VFB = 1.275V
l
±0.2
±1
µA
ΔVSNS
Current Limit Sense Voltage
ΔVSNS = (SNS – OUT)
VCC = 12V, OUT = 3V to 12V
VCC = 48V, OUT = 3V to 48V
l
l
43
45
50
52
58
59
mV
mV
Current Limit Foldback
VCC = 12V, OUT = 0V to 1V
VCC = 48V, OUT = 0V to 1V
l
l
15
16
25
27
35
36
mV
mV
ISNS
SNS Input Current
OUT = SNS = 3V to 80V
OUT = SNS = 0V
l
l
20
–10
30
–15
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com